Electronic Components Datasheet Search
  English  ▼

X  

LTC1709 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1709
Description  2-Phase, 5-Bit Adjustable, High Efficiency, Synchronous Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1709 Datasheet(HTML) 1 Page - Linear Technology

  LTC1709 Datasheet HTML 1Page - Linear Technology LTC1709 Datasheet HTML 2Page - Linear Technology LTC1709 Datasheet HTML 3Page - Linear Technology LTC1709 Datasheet HTML 4Page - Linear Technology LTC1709 Datasheet HTML 5Page - Linear Technology LTC1709 Datasheet HTML 6Page - Linear Technology LTC1709 Datasheet HTML 7Page - Linear Technology LTC1709 Datasheet HTML 8Page - Linear Technology LTC1709 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
LTC1709
2-Phase, 5-Bit Adjustable,
High Efficiency, Synchronous Step-Down
Switching Regulator
, LTC and LT are registered trademarks of Linear Technology Corporation.
OPTI-LOOP is a trademark of Linear Technology Corporation.
The LTC
®1709 is a 2-phase, VID programmable, synchro-
nous step-down switching regulator controller that drives
all N-channel external power MOSFET stages in a fixed
frequency architecture. The 2-phase controller drives its
two output stages out of phase at frequencies up to
300kHz to minimize the RMS ripple currents in both input
and output capacitors. The 2-phase technique effectively
multiplies the fundamental frequency by two, improving
transient response while operating each channel at a
optimum frequency for efficiency. Thermal design is also
simplified.
An internal differential amplifier provides true remote
sensing of the regulated supply’s positive and negative
output terminals as required in high current applications.
The RUN/SS pin provides soft-start and optional timed,
short-circuit shutdown. Current foldback limits MOSFET
dissipaton during short-circuit conditions when overcurrent
latchoff is disabled. OPTI-LOOP compensation allows the
transient response to be optimized for a wide range of
output capacitors and ESR values.
Figure 1. High Current 2-Phase Step-Down Converter
s
Desktop Computers
s
Internet/Network Servers
s
Large Memory Arrays
s
DC Power Distribution Systems
s
Battery Chargers
s
Two Ouput Stages Operate Antiphase Reducing
Input Capacitance and Power Supply Noise
s
5-Bit VID Control (VRM 8.4 Compliant)
VOUT: 1.3V to 3.5V in 50mV/100mV Steps
s
Current Mode Control Ensures Current Sharing
s
True Remote Sensing Differential Amplifier
s
OPTI-LOOP
TM Compensation Minimizes COUT
s
Programmable Fixed Frequency: 150kHz to
300kHz—Effective 300kHz to 600kHz Switching
Frequency
s
±1% Output Voltage Accuracy
s
Wide VIN Range: 4V to 36V Operation
s
Adjustable Soft-Start Current Ramping
s
Internal Current Foldback
s
Short-Circuit Shutdown Timer with Defeat Option
s
Overvoltage Soft-Latch Eliminates Nuisance Trips
s
Low Shutdown Current: 20
µA
s
Small 36-Lead Narrow (0.209") SSOP Package
1709 TA01
TG1
BOOST 1
SW1
BG1
PGND
SENSE1+
SENSE1–
TG2
BOOST2
SW2
BG2
INTVCC
SENSE 2+
SENSE 2–
VIN
RUN/SS
VDIFFOUT
ITH
SENSEIN
FBOUT
EAIN
VID0–VID4
VOS
–
VOS
+
LTC1709
SGND
0.1
µF
1.2nF
5 VID BITS
S
S
S
S
S
S
15k
10
µF ×4
35V
+
COUT
1000
µF
4V
×2
VOUT
1.3V TO 3.5V
40A
1
µH
Q1
Q2
Q3
Q4
0.002
Ω
0.002
Ω
VIN
5V TO 28V
1
µH
0.47
µF
S
0.47
µF
10
µF
Q1–Q4 2
× FAIRCHILD FDS7760A OR SILICONIX Si4874
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO
Efficiency Curve
LOAD CURRENTS (A)
0
50
60
80
90
100
10
20
25
45
1709 TA01a
70
515
30
35
40
VIN = 5V
VOUT = 1.6V
fS = 200kHz


Similar Part No. - LTC1709

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1709 LINER-LTC1709 Datasheet
315Kb / 28P
Dual Battery Charger/ Selector with SPI Interface
LTC1709-7 LINER-LTC1709-7 Datasheet
319Kb / 28P
2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulator
LTC1709-7 LINER-LTC1709-7 Datasheet
254Kb / 24P
Wide Operating Range, No RSENSE Step-Down Controller
LTC1709-7 LINER-LTC1709-7_15 Datasheet
329Kb / 28P
2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulator
LTC1709-8 LINER-LTC1709-8 Datasheet
296Kb / 28P
2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulators
More results

Similar Description - LTC1709

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1736 LINER-LTC1736 Datasheet
322Kb / 28P
5-Bit Adjustable High Efficiency Synchronous Step-Down Switching Regulator
LTC1929 LINER-LTC1929 Datasheet
233Kb / 24P
2-Phase, High Efficiency, Synchronous Step-Down Switching Regulator
LTC1628-SYNC LINER-LTC1628-SYNC Datasheet
375Kb / 32P
High Efficiency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3727LX-1 LINER-LTC3727LX-1 Datasheet
420Kb / 28P
High Efficiency, 2-Phase Synchronous Step-Down Switching Regulator
LTC1628-SYNC LINER-LTC1628-SYNC_15 Datasheet
672Kb / 32P
High Efficiency, 2-Phase Synchronous Step-Down Switching Regulator
LTC1709 LINER-LTC1709_15 Datasheet
306Kb / 28P
2-Phase, 5-Bit Adjustable, High Efficiency, Synchronous Step-Down Switching Regulator
LTC1736 LINER-LTC1736_15 Datasheet
338Kb / 28P
5-Bit Adjustable High Efficiency Synchronous Step-Down Switching Regulator
LTC3716 LINER-LTC3716_15 Datasheet
448Kb / 28P
2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulator
LTC3727LX-1 LINER-LTC3727LX-1_15 Datasheet
426Kb / 28P
High Efficiency, 2-Phase Synchronous Step-Down Switching Regulator
LTC1709-7 LINER-LTC1709-7_15 Datasheet
329Kb / 28P
2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com