Electronic Components Datasheet Search
  English  ▼

X  

LTC1709 Datasheet(PDF) 17 Page - Linear Technology

Part # LTC1709
Description  2-Phase, 5-Bit Adjustable, High Efficiency, Synchronous Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1709 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC1709 Datasheet HTML 13Page - Linear Technology LTC1709 Datasheet HTML 14Page - Linear Technology LTC1709 Datasheet HTML 15Page - Linear Technology LTC1709 Datasheet HTML 16Page - Linear Technology LTC1709 Datasheet HTML 17Page - Linear Technology LTC1709 Datasheet HTML 18Page - Linear Technology LTC1709 Datasheet HTML 19Page - Linear Technology LTC1709 Datasheet HTML 20Page - Linear Technology LTC1709 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
17
LTC1709
mon, tightly coupled pair of PC traces. The differential
amplifier corrects for DC drops in both the power and
ground paths. The differential amplifier output signal is
divided down and compared with the internal precision
0.8V voltage reference by the error amplifier.
The differential amplifier can be used in either of two
configurations according to the voltage applied to the
AMPMD pin. The first configuration with the connections
illustrated in the Functional Diagram, utilizes a set of
internal, precision resistors to enable precision instru-
mentation-type measurement of the output voltage. This
configuration is activated when the AMPMD pin is tied to
ground. When the AMPMD pin is tied to INTVCC, the
resistors are disconnected and the amplifier inputs are
made directly available. It can be used for general uses if
the amplifier is not required for true remote sensing. The
amplifier has a 0V to 3V common mode input range
limitation due to the internal switching of its inputs. The
output uses an NPN emitter follower without any internal
pull-down current. A DC resistive load to ground is re-
quired in order to sink current. The output will swing from
0V to 10V (VIN ≥ VDIFFOUT + 2V).
Output Voltage Programming
The output voltage is digitally set to levels between 1.3V
and 3.5V using the voltage identification (VID) logic inputs
VID0 to VID4. The internal 5-bit DAC configured as a
precision resistive voltage divider sets the output voltage
in 100mV or 50mV increments according to Table 1.
The VID codes are engineered to be compatible with Intel
Pentium
® II and Pentium III processor specifications for
output voltages from 1.3V to 3.5V.
The LSB (VID0) represents 50mV or 100mV increments
depending on the MSB. The MSB is VID4.
Between the ATTENOUT pin and ground is a variable
resistor, R1, whose value is controlled by the five VID input
pins (VID0 to VID4). Another resistor, R2, between the
ATTENIN and the ATTENOUT pins completes the resistive
divider. The output voltage is thus set by the ratio of
(R1 + R2) to R1.
APPLICATIO S I FOR ATIO
Table 1. VID Output Voltage Programming
VID4
VID3
VID2
VID1
VID0
VOUT (V)
1
0000
3.50V
1
0001
3.40V
1
0010
3.30V
1
0011
3.20V
1
0100
3.10V
1
0101
3.00V
1
0110
2.90V
1
0111
2.80V
1
1000
2.70V
1
1001
2.60V
1
1010
2.50V
1
1011
2.40V
1
1100
2.30V
1
1101
2.20V
1
1110
2.10V
1
1111
*
0
0000
2.05V
0
0001
2.00V
0
0010
1.95V
0
0011
1.90V
0
0100
1.85V
0
0101
1.80V
0
0110
1.75V
0
0111
1.70V
0
1000
1.65V
0
1001
1.60V
0
1010
1.55V
0
1011
1.50V
0
1100
1.45V
0
1101
1.40V
0
1110
1.35V
0
1111
1.30V
* Represents codes without a defined output voltage as specified in Intel
specifications. The LTC1709 interprets these codes as a valid input and
produces an output voltage as follows: (11111) = 2V
Pentium is a registered trademark of Intel Corporation.
Each VID digital input is pulled up by a 40k resistor in
series with a diode from VBIAS. Therefore, it must be
grounded to get a digital low input, and can be either



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com