Electronic Components Datasheet Search
  English  ▼

X  

LTC1709 Datasheet(PDF) 23 Page - Linear Technology

Part # LTC1709
Description  2-Phase, 5-Bit Adjustable, High Efficiency, Synchronous Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1709 Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC1709 Datasheet HTML 19Page - Linear Technology LTC1709 Datasheet HTML 20Page - Linear Technology LTC1709 Datasheet HTML 21Page - Linear Technology LTC1709 Datasheet HTML 22Page - Linear Technology LTC1709 Datasheet HTML 23Page - Linear Technology LTC1709 Datasheet HTML 24Page - Linear Technology LTC1709 Datasheet HTML 25Page - Linear Technology LTC1709 Datasheet HTML 26Page - Linear Technology LTC1709 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
23
LTC1709
The power dissipation on the topside MOSFET can be
easily estimated. Using a Siliconix Si4420DY for example;
RDS(ON) = 0.013Ω, CRSS = 300pF. At maximum input
voltage with Tj (estimated) = 110°C at an elevated ambient
temperature:
P
V
V
CC
VA
pF
kHz
W
MAIN =
() +() °− °
()
[]
+
() ( )(
)
()=
18
55
10
1
0 005 110
25
0 013
1 7 5 5
10
300
300
0 65
2
2
.
.
.
..
.
.
Ω
The worst-case power disipated by the synchronous
MOSFET under normal operating conditions at elevated
ambient temperature and estimated 50
°C junction tem-
perature rise is:
P
VV
V
A
W
SYNC =
−
() ( )
Ω
()
=
55
18
55
10
1 48 0 013
129
2
..
.
..
.
A short-circuit to ground will result in a folded back current
of about:
I
mV
ns
V
H
A
SC =
Ω
+
()
µ
 =
25
0 004
1
2
200
5 5
15
7
.
.
.
The worst-case power disipated by the synchronous
MOSFET under short-circuit conditions at elevated ambi-
ent temperature and estimated 50
°C junction temperature
rise is:
P
VV
V
A
mW
SYNC =
−
() ( )
Ω
()
=
55
18
55
7
1 48 0 013
630
2
..
.
..
which is less than half of the normal, full-load conditions.
Incidentally, since the load no longer dissipates power in
the shorted condition, total system power dissipation is
decreased by over 99%.
The duty factor for this application is:
DF
V
V
V
V
O
IN
..
.
.
==
=
18
5
036
Using Figure 4, the RMS ripple current will be:
IINRMS = (20A)(0.23) = 4.6ARMS
An input capacitor(s) with a 4.6ARMS ripple current rating
is required.
The output capacitor ripple current is calculated by using
the inductor ripple already calculated for each inductor
and multiplying by the factor obtained from Figure 3 along
with the calculated duty factor. The output ripple in con-
tinuous mode will be highest at the maximum input
voltage since the duty factor is < 50%. The maximum
output current ripple is:
∆
∆
I
V
fL
at
D F
I
V
kHz
H
A
Vm
A
mV
COUT
OUT
COUTMAX
RMS
OUTRIPPLE
RMS
RMS
=
()
= () µ
()
=
=Ω
() =
03
33
18
300
1 5
03
12
20
1 2
24
.% . .
.
.
.
.
.
PC Board Layout Checklist
When laying out the printed circuit board, the following
checklist should be used to ensure proper operation of the
LTC1709. These items are also illustrated graphically in
the layout diagram of Figure 11. Check the following in
your layout:
1) Are the signal and power grounds segregated? The
LTC1709 signal ground pin should return to the (–) plate
of COUT separately. The power ground returns to the
sources of the bottom N-channel MOSFETs, anodes of the
Schottky diodes, and (–) plates of CIN, which should have
as short lead lengths as possible.
2) Does the LTC1709 VOS+ pin connect to the point of
load? Does the LTC1709 VOS– pin connect to the load
return?
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com