Electronic Components Datasheet Search
  English  ▼

X  

LTC1709 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC1709
Description  2-Phase, 5-Bit Adjustable, High Efficiency, Synchronous Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1709 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC1709 Datasheet HTML 18Page - Linear Technology LTC1709 Datasheet HTML 19Page - Linear Technology LTC1709 Datasheet HTML 20Page - Linear Technology LTC1709 Datasheet HTML 21Page - Linear Technology LTC1709 Datasheet HTML 22Page - Linear Technology LTC1709 Datasheet HTML 23Page - Linear Technology LTC1709 Datasheet HTML 24Page - Linear Technology LTC1709 Datasheet HTML 25Page - Linear Technology LTC1709 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
22
LTC1709
the bandwidth of the feedback loop, so this signal cannot
be used to determine phase margin. This is why it is better
to look at the Ith pin signal which is in the feedback loop
and is the filtered and compensated control loop re-
sponse. The gain of the loop will be increased by increas-
ing RC and the bandwidth of the loop will be increased by
decreasing CC. If RC is increased by the same factor that
CC is decreased, the zero frequency will be kept the same,
thereby keeping the phase the same in the most critical
frequency range of the feedback loop. The output voltage
settling behavior is related to the stability of the closed-
loop system and will demonstrate the actual overall supply
performance.
Automotive Considerations: Plugging into the
Cigarette Lighter
As battery-powered devices go mobile, there is a natural
interest in plugging into the cigarette lighter in order to
conserve or even recharge battery packs during operation.
But before you connect, be advised: you are plugging into
the supply from hell. The main battery line in an automo-
bile is the source of a number of nasty potential transients,
including load-dump, reverse-battery, and double-bat-
tery.
Load-dump is the result of a loose battery cable. When the
cable breaks connection, the field collapse in the alternator
can cause a positive spike as high as 60V which takes
several hundred milliseconds to decay. Reverse-battery is
just what it says, while double-battery is a consequence of
tow truck operators finding that a 24V jump start cranks
cold engines faster than 12V.
The network shown in Figure 9 is the most straightforward
approach to protect a DC/DC converter from the ravages
of an automotive power line. The series diode prevents
current from flowing during reverse-battery, while the
transient suppressor clamps the input voltage during
load-dump. Note that the transient suppressor should not
conduct during double-battery operation, but must still
clamp the input voltage below breakdown of the converter.
Although the LT1709 has a maximum input voltage of 36V,
most applications will be limited to 30V by the MOSFET
BVDSS.
Design Example
As a design example, assume VIN=5V(nominal),VIN = 5.5V
(max), VOUT = 1.8V, IMAX = 20A, TA = 70°C and f = 300kHz.
The inductance value is chosen first based on a 30% ripple
current assumption. The highest value of ripple current
occurs at the maximum input voltage. Tie the PLLFLTR pin
to the INTVCC pin for 300kHz operation. The minimum
inductance for 30% ripple current is:
L
V
fI
V
V
V
kHz
A
V
V
H
OUT
OUT
IN
≥
∆
()
−


≥ ()( )( ) −


≥µ
1
18
300
30
10
1
18
55
135
.
%
.
.
.
A 1.5
µH inductor will produce 27% ripple current. The
peak inductor current will be the maximum DC value plus
one half the ripple current, or 11.4A. The minimum on-
time occurs at maximum VIN:
t
V
Vf
V
V
kHz
s
ON MIN
OUT
IN
() == ()(
)
=µ
18
5 5
300
11
.
.
.
The RSENSE resistors value can be calculated by using the
maximum current sense voltage specification with some
accomodation for tolerances:
R
mV
A
SENSE =≈
Ω
50
11 4
0 004
.
.
APPLICATIO S I FOR ATIO
Figure 9. Automotive Application Protection
VIN
1709 F09
12V
50A IPK RATING
TRANSIENT VOLTAGE
SUPPRESSOR
GENERAL INSTRUMENT
1.5KA24A
LTC1709



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com