Electronic Components Datasheet Search
  English  ▼

X  

LTC1709 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1709
Description  2-Phase, 5-Bit Adjustable, High Efficiency, Synchronous Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1709 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1709 Datasheet HTML 10Page - Linear Technology LTC1709 Datasheet HTML 11Page - Linear Technology LTC1709 Datasheet HTML 12Page - Linear Technology LTC1709 Datasheet HTML 13Page - Linear Technology LTC1709 Datasheet HTML 14Page - Linear Technology LTC1709 Datasheet HTML 15Page - Linear Technology LTC1709 Datasheet HTML 16Page - Linear Technology LTC1709 Datasheet HTML 17Page - Linear Technology LTC1709 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
14
LTC1709
of the bottom MOSFET from turning on, storing charge
during the dead-time, and requiring a reverse recovery
period which would reduce efficiency. A 1A to 3A Schottky
(depending on output current) diode is generally a good
compromise for both regions of operation due to the
relatively small average current. Larger diodes result in
additional transition losses due to their larger junction
capacitance.
CIN and COUT Selection
In continuous mode, the source current of each top
N-channel MOSFET is a square wave of duty cycle VOUT/
VIN. A low ESR input capacitor sized for the maximum
RMS current must be used. The details of a closed form
equation can be found in Application Note 77. Figure 4
shows the input capacitor ripple current for a 2-phase
configuration with the output voltage fixed and input
voltage varied. The input ripple current is normalized
against the DC output current. The graph can be used in
place of tedious calculations. The minimum input ripple
current can be achieved when the input voltage is twice the
output voltage
In the graph of Figure 4, the 2-phase local maximum input
RMS capacitor currents are reached when:
V
V
k
OUT
IN
=
−
21
4
where k = 1, 2.
These worst-case conditions are commonly used for
design because even significant deviations do not offer
much relief. Note that capacitor manufacturer’s ripple
current ratings are often based on only 2000 hours of life.
This makes it advisable to further derate the capacitor, or
to choose a capacitor rated at a higher temperature than
required. Several capacitors may also be paralleled to
meet size or height requirements in the design. Always
consult the capacitor manufacturer if there is any
question.
It is important to note that the efficiency loss is propor-
tional to the input RMS current
squared and therefore a
2-phase implementation results in 75% less power loss
when compared to a single phase design. Battery/input
protection fuse resistance (if used), PC board trace and
connector resistance losses are also reduced by the re-
duction of the input ripple current in a 2-phase system. The
required amount of input capacitance is further reduced by
the factor, 2, due to the effective increase in the frequency
of the current pulses.
The selection of COUT is driven by the required effective
series resistance (ESR). Typically once the ESR require-
ment has been met, the RMS current rating generally far
exceeds the IRIPPLE(P-P) requirements. The steady state
output ripple (
∆VOUT) is determined by:
∆∆
V
I
ESR
fC
OUT
RIPPLE
OUT
≈+


1
16
Where f = operating frequency of each stage, COUT =
output capacitance and
∆IRIPPLE = combined inductor
ripple currents.
The output ripple varies with input voltage since
∆IL is a
function of input voltage. The output ripple will be less than
50mV at max VIN with ∆IL = 0.4IOUT(MAX)/2 assuming:
COUT required ESR < 4(RSENSE) and
COUT > 1/(16f)(RSENSE)
The emergence of very low ESR capacitors in small,
surface mount packages makes very physically small
implementations possible. The ability to externally com-
pensate the switching regulator loop using the ITHpin(OPTI-
LOOP compensation) allows a much wider selection of
APPLICATIO S I FOR ATIO
DUTY FACTOR (VOUT/VIN)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.6
0.5
0.4
0.3
0.2
0.1
0
1709 F04
2-PHASE
1-PHASE
Figure 4. Normalized RMS Input Ripple Current vs
Duty Factor for 1 and 2 Output Stages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com