Electronic Components Datasheet Search
  English  ▼

X  

LTC1709 Datasheet(PDF) 28 Page - Linear Technology

Part # LTC1709
Description  2-Phase, 5-Bit Adjustable, High Efficiency, Synchronous Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1709 Datasheet(HTML) 28 Page - Linear Technology

Back Button LTC1709 Datasheet HTML 20Page - Linear Technology LTC1709 Datasheet HTML 21Page - Linear Technology LTC1709 Datasheet HTML 22Page - Linear Technology LTC1709 Datasheet HTML 23Page - Linear Technology LTC1709 Datasheet HTML 24Page - Linear Technology LTC1709 Datasheet HTML 25Page - Linear Technology LTC1709 Datasheet HTML 26Page - Linear Technology LTC1709 Datasheet HTML 27Page - Linear Technology LTC1709 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
28
LTC1709
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX: (408) 434-0507 qwww.linear-tech.com
©LINEAR TECHNOLOGY CORPORATION 1999
1709f LT/TP 0500 4K • PRINTED IN USA
TYPICAL APPLICATIO
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1438/LTC1439
Dual High Efficiency Low Noise Synchronous Step-Down Switching Regulators POR, Auxiliary Regulator
LTC1438-ADJ
Dual Synchronous Controller with Auxiliary Regulator
POR, External Feedback Divider
LTC1538-AUX
Dual High Efficiency Low Noise Synchronous Step-Down Switching Regulator
Auxiliary Regulator, 5V Standby
LTC1539
Dual High Efficiency Low Noise Synchronous Step-Down Switching Regulator
5V Standby, POR, Low-Battery, Aux Regulator
LTC1436A-PLL
High Efficiency Low Noise Synchronous Step-Down Switching Regulator
Adaptive Power
TM Mode, 24-Pin SSOP
LTC1628/LTC1628-PG Dual High Efficiency, 2-Phase Synchronous Step-Down Switching Regulator
Constant Frequency, Standby, 5V and 3.3V LDOs
LTC1629/LTC1629-PG PolyPhase High Efficiency Controller
Expandable Up to 12 Phases, G-28, Up to 120A
LTC1929
2-Phase High Efficiency Controller
Adjustable Output Up to 40A, G-28
LTC1702/LTC1703
Dual High Efficiency, 2-Phase Synchronous Step-Down Switching Regulator
500kHz, 25MHz GBW
LTC1709-7/
High Efficiency, 2-Phase Synchronous Step-Down Switching Regulator with
1.3V
≤ VOUT ≤ 3.5V (LTC1709-8),
LTC1709-8/
5-Bit VID and Power Good Indication
1.1V
≤ VOUT ≤ 1.85V (LTC1709-9),
LTC1709-9
Current Mode Ensures Accurate Current Sharing,
3.5V
≤ VIN ≤ 36V
LTC1708-PG
Dual High Efficiency, 2-Phase Synchronous Step-Down Switching Regulator
1.3V
≤ VOUT ≤ 3.5V, Current Mode Ensures
with 5-Bit VID and Power Good Indication
Accurate Current Sharing, 3.5V
≤ VIN ≤ 36V
LTC1735
High Efficiency Synchronous Step-Down Controller
Burst Mode
TM Operation, 16-Pin Narrow SSOP,
Fault Protection, 3.5V
≤ VIN ≤ 36V
LTC1736
High Efficiency Synchronous Step-Down Controller with 5-Bit VID
Output Fault Protection, Power Good, GN-24,
3.5V
≤ VIN ≤ 36V, 0.925V ≤ VOUT ≤ 2V
Adaptive Power and Burst Mode are trademarks of Linear Technology Corporation.
Figure 12. 5V Input, 1.8V/20A Power Supply with Active Voltage Positioning
SWITCHING FREQUENCY = 310kHz
MI – M4: FAIRCHILD FDS7760A
L1 – L2: SUMIDA CEP125-1R5M
COUT OUTPUT CAPACITORS: PANASONIC EEFUE0G181R
D3, D4: CENTRAL CMDSH-3TR
36
35
34
33
32
31
30
29
28
27
26
25
24
23
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
NC
TG1
SW1
BOOST 1
VIN
BG1
EXTVCC
INTVCC
INTVCC
PGND
BG2
BOOST 2
SW2
TG2
AMPMD
RUN/SS
SENSE 1+
SENSE 1–
EAIN
PLLFLTR
PLLIN
NC
ITH
SGND
VDIFFOUT
VOS
–
VOS
+
SENSE 2–
SENSE 2+
LTC1709
M4
M3
0.1
µF
47k
15k
10k
51k
2.7k
22
VBIAS
ATTENOUT
21
16
VID4
ATTENIN
20
17
VID3
VID0
19
VID INPUTS
18
VID2
VID1
1000pF
1000pF
3.3nF
470pF
100pF
47
µF×2
GND
COUT
35V
M2
M1
D1
MBRM
140T3
D2
MBRM
140T3
0.22
µF
0.1
µF
4.7
µF
6.3V
0.1
µF
1
µF,25V
10
Ω
10
Ω
0.22
µF
D3
D4
4
×180µF
4V
VOUT
1.3V TO 3.5V
VIN
5V TO 28V
L1
0.004
Ω
L2
1.5
µH
1.5
µH
0.004
Ω
1709 TA02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com