Electronic Components Datasheet Search
  English  ▼

X  

G133G Datasheet(PDF) 3 Page - NEC

Part # G133G
Description  L-BAND SPDT SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

G133G Datasheet(HTML) 3 Page - NEC

  G133G Datasheet HTML 1Page - NEC G133G Datasheet HTML 2Page - NEC G133G Datasheet HTML 3Page - NEC G133G Datasheet HTML 4Page - NEC G133G Datasheet HTML 5Page - NEC G133G Datasheet HTML 6Page - NEC G133G Datasheet HTML 7Page - NEC G133G Datasheet HTML 8Page - NEC G133G Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
µµµµµPG133G
3
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Control Voltage (ON)
VCONT
–0.2
0
+0.2
V
Control Voltage (OFF)
VCONT
–5.0
–3.0
–2.7
V
Input Power Level
Pin
21
24
dBm
ELECTRICAL CHARACTERISTICS (TA = 25 ˚C)
CHARACTERISTICS
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITION
Insertion Loss
LINS
0.6
1.0
dB
0.8Note1
f = 2.5 GHz
Isolation
ISL
20
dB
20Note1
f = 2.5 GHz
Input Return Loss
RLin
11
20
dB
f = 100 MHz to 2 GHz
Output Return Loss
RLout
11
20
dB
VCONT1 = 0 V
Input Power at 1dB
Pin (1dB)Note2
21
25
dBm
VCONT2 = –3 V
Compression Point
or
Switching Speed
tsw
10
ns
VCONT1 = –3 V
Control Current
ICONT
50
µA
VCONT2 = 0 V
Notes 1: Characteristic for reference at 2.0 to 2.5 GHz
2: Pin (1dB) is measured the input power level when the insertion loss increase more 1dB than that of linear
range.
All other characteristics are measured in linear range.
NOTE ON CORRECT USE
•
Insertion loss and isolation of the IN-OUT2 is better than that of IN-OUT1, because No. 7 pin (OUT1) is placed
to same side of No. 5 pin (IN).
•
The distance between IC’s GND pins and ground pattern of substrate should be as shorter as possible to avoid
parasitic parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com