Electronic Components Datasheet Search
  English  ▼

X  

G133G Datasheet(PDF) 6 Page - NEC

Part # G133G
Description  L-BAND SPDT SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

G133G Datasheet(HTML) 6 Page - NEC

Back Button G133G Datasheet HTML 2Page - NEC G133G Datasheet HTML 3Page - NEC G133G Datasheet HTML 4Page - NEC G133G Datasheet HTML 5Page - NEC G133G Datasheet HTML 6Page - NEC G133G Datasheet HTML 7Page - NEC G133G Datasheet HTML 8Page - NEC G133G Datasheet HTML 9Page - NEC G133G Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
µµµµµPG133G
6
28
26
24
22
20
Pin - Input Power - dBm
IN
OUT1
OUT2
50
Ω
IN-OUT2 Pin vs. Pout
VCONT1 = 0 V
VCONT2 = –3 V
f = 1.9 GHz
18
30
18
22 24 26 28 30
20
VCONT1 = 0 V
VCONT2 = –3 V
f = 2 GHz
Pin = +20 dBm
Signal input (CW)
1.0
0.8
0.6
–50
–60
–70
3fo
2fo
–100
–50
0
+50
+100
INSERTION LOSS, 2fo, 3fo vs.
AMBIENT TEMPERATURE
VCONT1 = 0 V
VCONT2 = –3 V
f = 2GHz
Non-modulated
signal input (CW)
TA = –50 ˚C
TA = +25 ˚C
TA = +90 ˚C
30
25
20
15
15
20
25
30
Pin (dBm)
INPUT POWER vs. OUTPUT POWER
TA (˚C)
LINS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com