Electronic Components Datasheet Search
  English  ▼

X  

G133G Datasheet(PDF) 1 Page - NEC

Part # G133G
Description  L-BAND SPDT SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

G133G Datasheet(HTML) 1 Page - NEC

  G133G Datasheet HTML 1Page - NEC G133G Datasheet HTML 2Page - NEC G133G Datasheet HTML 3Page - NEC G133G Datasheet HTML 4Page - NEC G133G Datasheet HTML 5Page - NEC G133G Datasheet HTML 6Page - NEC G133G Datasheet HTML 7Page - NEC G133G Datasheet HTML 8Page - NEC G133G Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©
1996
DATA SHEET
GaAs INTEGRATED CIRCUIT
µµµµµPG133G
DESCRIPTION
UPG133G is an L-Band SPDT (Single Pole Double Throw) GaAs FET switch which was developed for digital cellular
or cordless telephone application.
The device can operate from 100 MHz to 2.5 GHz, having the low insertion loss.
It housed in an original 8 pin SSOP that is smaller than usual 8 pin SOP and easy to install and contributes to
miniaturizing the system.
It can be used in wide-band switching applications.
FEATURES
•
Maximum transmission power :
0.25 W (typ.)
•
Low insertion loss
:
0.6 dB (typ.) at f = 2 GHz
•
High switching speed
:
10 ns
•
Small package
:
8 pins SSOP
APPLICATION
•
Digital cordless telephone
:
PHS, PCS, DECT etc.
•
Digital hand-held cellular phone, WLAN
ORDERING INFORMATION
PART NUMBER
PACKAGE
PACKING FORM
µPG133G-E1
8 pin plastic SSOP
Carrier tape width 12 mm.
QTY 2kp/Reel.
For evaluation sample order, please contact your local NEC sales office.
ABSOLUTE MAXIMUM RATINGS (TA = 25 ˚C)
Control Voltage
VCONT
–6 to +0.6
V
Input Power
Pin
25
dBm
Total Power Dissipation
Ptot
0.2
W
Operating Case Temperature
Topt
–65 to +90
˚C
Storage Temperature
Tstg
–65 to +150
˚C
CAUTION:
The IC must be handled with care to prevent static discharge because its circuit is composed
of GaAs MES FET.
L-BAND SPDT SWITCH
Document No. P10733EJ2V0DS00 (2nd edition)
Date Published April 1996 P
Printed in Japan


Similar Part No. - G133G

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1331 GMT-G1331 Datasheet
106Kb / 1P
General Purpose, Low Voltage Comparator with Open-Drain Output
logo
GTM CORPORATION
G1332E GTM-G1332E Datasheet
263Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
E-Tech Electronics LTD
G1332E ETL-G1332E Datasheet
266Kb / 4P
N - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
logo
GTM CORPORATION
G1333 GTM-G1333 Datasheet
352Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
E-Tech Electronics LTD
G1333 ETL-G1333 Datasheet
355Kb / 4P
P - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
More results

Similar Description - G133G

ManufacturerPart #DatasheetDescription
logo
NEC
UPG132G NEC-UPG132G Datasheet
111Kb / 14P
L-BAND SPDT SWITCH
UPG137GV NEC-UPG137GV Datasheet
108Kb / 12P
L-BAND SPDT SWITCH
UPG138GV NEC-UPG138GV Datasheet
64Kb / 8P
L-BAND SPDT SWITCH
UPG152TA NEC-UPG152TA Datasheet
83Kb / 12P
L-BAND SPDT SWITCH
UPG153TB NEC-UPG153TB Datasheet
56Kb / 8P
L-BAND SPDT SWITCH
UPG154TB NEC-UPG154TB Datasheet
94Kb / 16P
L-BAND SPDT SWITCH
UPG155TB NEC-UPG155TB Datasheet
68Kb / 12P
L-BAND SPDT SWITCH
UPG2012TB NEC-UPG2012TB_1 Datasheet
72Kb / 9P
L-BAND SPDT SWITCH
UPG2012TK NEC-UPG2012TK_1 Datasheet
109Kb / 9P
L-BAND SPDT SWITCH
logo
California Eastern Labs
UPG2012TB CEL-UPG2012TB Datasheet
266Kb / 8P
L-BAND SPDT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com