Electronic Components Datasheet Search
  English  ▼

X  

G133G Datasheet(PDF) 10 Page - NEC

Part # G133G
Description  L-BAND SPDT SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

G133G Datasheet(HTML) 10 Page - NEC

Back Button G133G Datasheet HTML 4Page - NEC G133G Datasheet HTML 5Page - NEC G133G Datasheet HTML 6Page - NEC G133G Datasheet HTML 7Page - NEC G133G Datasheet HTML 8Page - NEC G133G Datasheet HTML 9Page - NEC G133G Datasheet HTML 10Page - NEC G133G Datasheet HTML 11Page - NEC G133G Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
µµµµµPG133G
10
RECOMMENDED SOLDERING CONDITIONS
This product should be soldered in the following recommended conditions. Other soldering methods and conditions
than the recommended conditions are to be consulted with our sales representatives.
[
µµµµµPG133G]
Soldering process
Soldering conditions
Recommended condition
symbol
Infrared ray reflow
Package peak temperature: 230 ˚C
IR30-00-2
Hour: within 30 s. (more than 210 ˚C)
Time: 2 time, Limited days: no.Note
VPS
Package peak temperature: 215 ˚C
VP15-00-2
Hour: within 40 s. (more than 200 ˚C),
Time: 2 time, Limited days: no.Note
Wave Soldering
Soldering tub temperature: less than 260 ˚C, Hour: within 10 s.
WS60-00-1
Time: 1 time, Limited days: no.Note
Pin part heating
Pin area temperature: less than 300 ˚C, Hour: within 10 s.
Limited days: no.Note
Note It is storage days after opening a dry pack, the storage conditions are 25 ˚C, less than 65 %, RH.
Caution The combined use of soldering method is to be avoided (However, except the pin area heating
method).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com