Electronic Components Datasheet Search
  English  ▼

X  

G133G Datasheet(PDF) 9 Page - NEC

Part # G133G
Description  L-BAND SPDT SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

G133G Datasheet(HTML) 9 Page - NEC

Back Button G133G Datasheet HTML 4Page - NEC G133G Datasheet HTML 5Page - NEC G133G Datasheet HTML 6Page - NEC G133G Datasheet HTML 7Page - NEC G133G Datasheet HTML 8Page - NEC G133G Datasheet HTML 9Page - NEC G133G Datasheet HTML 10Page - NEC G133G Datasheet HTML 11Page - NEC G133G Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
µµµµµPG133G
9
Floating the
µµµµµPG133G
It is possible to use the
µPG133G with only a single +3 V supply by employing a technique known as “floating”.
When the IC is floated using a +3 V supply, the voltage levels used to control the switch are elevated above ground
by +3 V.
When the
µPG133G is floated it is necessary to use DC blocking (C2, C3, C5) and grounding (C1, C4) capacitors.
This enables the IC to isolated so that +3 V can be applied to RF line. The value for DC blocking capacitors should
be chosen to accommodate the frequency of operation. Grounding capacitors are required to float the IC above
ground. The value for grounding capacitor should be chosen to accommodate the frequency of operation.
It is not recommended to float the
µPG133G for wide band application.
(Floating the
µPG133G with +3 V/0 V supply at 2 GHz-band, BW ≤ 50 MHz)
C1
C2
PIN CONNECTIONS
1
4
8
5
VCONT2
VCONT1
OUT2
GND
C5
OUT1
IN
C4
C3
GND
1. VCONT2
2. OUT2
3. GND
4. GND
5. IN
6. GND
7. OUT1
8. VCONT1
C1, C4 = 10 pF below :
Grounding capacitor
C2, C3, C5 = 100 pF :
DC blocking capacitor
The distance between grounding capacitor and IC’s GND pins, grounding capacitor and ground of the
substrate should be as shorter as possible to avoid the parasitic parameters. IC’s GND pin, No. 3, No. 4 and No.
6 are connected inside of the IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com