Electronic Components Datasheet Search
  English  ▼

X  

G133G Datasheet(PDF) 4 Page - NEC

Part # G133G
Description  L-BAND SPDT SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

G133G Datasheet(HTML) 4 Page - NEC

  G133G Datasheet HTML 1Page - NEC G133G Datasheet HTML 2Page - NEC G133G Datasheet HTML 3Page - NEC G133G Datasheet HTML 4Page - NEC G133G Datasheet HTML 5Page - NEC G133G Datasheet HTML 6Page - NEC G133G Datasheet HTML 7Page - NEC G133G Datasheet HTML 8Page - NEC G133G Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
µµµµµPG133G
4
TYPICAL CHARACTERISTICS (TA = 25 ˚C)
Note This data is including loss of the test fixture.
+ 2.0
+ 1.0
0
– 1.0
– 2.0
– 3.0
VCONT1 = –3 V
VCONT2 = 0 V
Pin = 0 dBm
100 M 200 M
500 M
1 G
2 G 3 G
f - Frequency - Hz
LINS
IN
OUT1
OUT2
50
Ω
IN-OUT1 INSERTION LOSS vs. FREQUENCY
0
–10
–20
– 30
– 40
– 50
VCONT1 = 0 V
VCONT2 = –3 V
Pin = 0 dBm
100 M 200 M
500 M
1 G
2 G 3 G
f - Frequency - Hz
ISL
IN
OUT1
OUT2
50
Ω
IN-OUT1 ISOLATION vs. FREQUENCY
+ 10
0
–10
– 20
– 30
– 40
VCONT1 = –3 V
VCONT2 = 0 V
Pin = 0 dBm
100 M 200 M
500 M
1 G
2 G 3 G
f - Frequency - Hz
RLin
IN
OUT1
OUT2
50
Ω
IN-OUT1 INPUT RETURN LOSS vs. FREQUENCY
+ 10
0
–10
– 20
– 30
– 40
100 M 200 M
500 M
1 G
2 G 3 G
f - Frequency - Hz
RLOUT
IN
OUT1
OUT2
50
Ω
IN-OUT1 OUTPUT RETURN LOSS vs. FREQUENCY
VCONT1 = –3 V
VCONT2 = 0 V
Pin = 0 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com