Electronic Components Datasheet Search
  English  ▼

X  

G133G Datasheet(PDF) 2 Page - NEC

Part # G133G
Description  L-BAND SPDT SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

G133G Datasheet(HTML) 2 Page - NEC

  G133G Datasheet HTML 1Page - NEC G133G Datasheet HTML 2Page - NEC G133G Datasheet HTML 3Page - NEC G133G Datasheet HTML 4Page - NEC G133G Datasheet HTML 5Page - NEC G133G Datasheet HTML 6Page - NEC G133G Datasheet HTML 7Page - NEC G133G Datasheet HTML 8Page - NEC G133G Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
µµµµµPG133G
2
PIN CONNECTION DIAGRAM (Top View)
SPDT SWITCH IC SERIES PRODUCTS
PART
Pin (1dB)
LINS
ISL
VCONT
PACKAGE
APPLICATIONS
NUMBER
(dBm)
(dB)
(dB)
(V)
µPG130GR
+34
0.5 @1G
32 @1G
–5/0
8 pin SOP
PDC, IS-136, PHS
µPG131GR
+30
0.6 @2G
23 @2G
–4/0
(225 mil)
PHS, PCS, WLAN
µPG130G
+34
0.5 @1G
32 @1G
–5/0
8 pin SSOP
PDC, IS-136, PHS
µPG131G
+30
0.6 @2G
23 @2G
–4/0
(175 mil)
PHS, PCS, WLAN
µPG132G
+30
0.6 @2G
22 @2G
+3/0
PHS, PCS, WLAN
µPG133G
+25
0.6 @2G
20 @2G
–3/0
DIVERSITY etc
Remark: As for detail information of series products, please refer to each data sheet.
EQUIVALENT CIRCUIT
IN
OUT1
GND
VCONT1
VCONT2
GND
OUT2
1
2
3
4
8
7
6
5
1. VCONT2
2. OUT2
3. GND
4. GND
5. IN
6. GND
7. OUT1
8. VCONT1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com