Electronic Components Datasheet Search
  English  ▼

X  

RT7296C Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT7296C
Description  The RT7296C is a high-efficiency
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7296C Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT7296C Datasheet HTML 1Page - Richtek Technology Corporation RT7296C Datasheet HTML 2Page - Richtek Technology Corporation RT7296C Datasheet HTML 3Page - Richtek Technology Corporation RT7296C Datasheet HTML 4Page - Richtek Technology Corporation RT7296C Datasheet HTML 5Page - Richtek Technology Corporation RT7296C Datasheet HTML 6Page - Richtek Technology Corporation RT7296C Datasheet HTML 7Page - Richtek Technology Corporation RT7296C Datasheet HTML 8Page - Richtek Technology Corporation RT7296C Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
RT7296C
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS7296C-00
May
2015
4
soft-start timing can be programmed by the external
capacitor between SS pin and GND. The Chip provides
a 11
A charge current for the external capacitor.
Over Current Protection
RT7296C provides cycle-by-cycle over current limit
protection. When the inductor current peak value
reaches current limit, IC will turn off High Side MOS to
avoid over current.
Under Voltage Protection (Hiccup Mode)
RT7296C provides Hiccup Mode of Under Voltage
Protection (UVP). When the FB voltage drops below
half of the feedback reference voltage, VFB, the UVP
function will be triggered and the IC will shut down for a
period of time and then recover automatically. The
Hiccup Mode of UVP can reduce input current in
short-circuit conditions.
Thermal Shutdown
Thermal shutdown is implemented to prevent the chip
from operating at excessively high temperatures. When
the junction temperature is higher than 150
C, the chip
will shutdown the switching operation. The chip is
automatically
re-enabled
when
the
junction
temperature cools down by approximately 20
C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com