Electronic Components Datasheet Search
  English  ▼

X  

RT7296C Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT7296C
Description  The RT7296C is a high-efficiency
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7296C Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT7296C Datasheet HTML 5Page - Richtek Technology Corporation RT7296C Datasheet HTML 6Page - Richtek Technology Corporation RT7296C Datasheet HTML 7Page - Richtek Technology Corporation RT7296C Datasheet HTML 8Page - Richtek Technology Corporation RT7296C Datasheet HTML 9Page - Richtek Technology Corporation RT7296C Datasheet HTML 10Page - Richtek Technology Corporation RT7296C Datasheet HTML 11Page - Richtek Technology Corporation RT7296C Datasheet HTML 12Page - Richtek Technology Corporation RT7296C Datasheet HTML 13Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
RT7296C
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS7296C-00
May
2015
www.richtek.com
9
VIN = 12V, VOUT = 3.3V, L = 1.5H,
IOUT = 1.5A to 3A to 1.5A
VOUT
(50mV/Div)
IOUT
(1A/Div)
Time (200
s/Div)
Load Transient Response
VIN = 12V, VOUT = 3.3V,
L = 1.5
H, I
OUT = 3A
VOUT
(20mV/Div)
VLX
(5V/Div)
Time (1
s/Div)
Output Ripple Voltage
VIN = 12V, VOUT = 3.3V, IOUT = 3A
VOUT
(2V/Div)
VEN
(2V/Div)
VLX
(10V/Div)
ILX
(3A/Div)
Time (2ms/Div)
Power On from EN
VIN = 12V, VOUT = 3.3V, IOUT = 3A
VOUT
(2V/Div)
VEN
(2V/Div)
VLX
(10V/Div)
ILX
(3A/Div)
Time (2ms/Div)
Power Off from EN
VIN = 12V, VOUT = 3.3V, IOUT = 3A
VOUT
(2V/Div)
VIN
(10V/Div)
VLX
(10V/Div)
ILX
(3A/Div)
Time (5ms/Div)
Power On from VIN
VIN = 12V, VOUT = 3.3V, IOUT = 3A
VOUT
(2V/Div)
VIN
(10V/Div)
VLX
(10V/Div)
ILX
(3A/Div)
Time (5ms/Div)
Power Off from VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com