Electronic Components Datasheet Search
  English  ▼

X  

RT7296C Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT7296C
Description  The RT7296C is a high-efficiency
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7296C Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT7296C Datasheet HTML 4Page - Richtek Technology Corporation RT7296C Datasheet HTML 5Page - Richtek Technology Corporation RT7296C Datasheet HTML 6Page - Richtek Technology Corporation RT7296C Datasheet HTML 7Page - Richtek Technology Corporation RT7296C Datasheet HTML 8Page - Richtek Technology Corporation RT7296C Datasheet HTML 9Page - Richtek Technology Corporation RT7296C Datasheet HTML 10Page - Richtek Technology Corporation RT7296C Datasheet HTML 11Page - Richtek Technology Corporation RT7296C Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
RT7296C
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS7296C-00
May
2015
8
Typical Operating Characteristics
Efficiency vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
0
0.5
1
1.5
2
2.5
3
Output Current (A)
VIN = 5V
VIN = 12V
VIN = 17V
VOUT = 3.3V
Output Voltage vs. Input Voltage
3.14
3.18
3.22
3.26
3.30
3.34
3.38
3.42
3.46
5
6
7
8
9
10
11
12
13
14
15
16
17
Input Voltage (V)
VOUT = 3.3V
Reference Voltage vs. Temperature
0.76
0.77
0.78
0.79
0.80
0.81
0.82
0.83
0.84
-50
-25
0
25
50
75
100
125
Temperature (°C)
IOUT = 1A
Output Voltage vs. Output Current
3.14
3.18
3.22
3.26
3.30
3.34
3.38
3.42
3.46
0
0.5
1
1.5
2
2.5
3
Output Current (A)
VIN = 12V, VOUT = 3.3V
UVLO Voltage vs. Temperature
3.00
3.20
3.40
3.60
3.80
4.00
4.20
4.40
-50
-25
0
25
50
75
100
125
Temperature (°C)
Rising
Falling
VOUT = 3.3V, IOUT = 0A
EN Threshold vs. Temperature
1.15
1.20
1.25
1.30
1.35
1.40
1.45
1.50
-50
-25
0
25
50
75
100
125
Temperature (°C)
Rising
Falling
VOUT = 3.3V, IOUT = 0A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com