Electronic Components Datasheet Search
  English  ▼

X  

RT7296C Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT7296C
Description  The RT7296C is a high-efficiency
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7296C Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT7296C Datasheet HTML 2Page - Richtek Technology Corporation RT7296C Datasheet HTML 3Page - Richtek Technology Corporation RT7296C Datasheet HTML 4Page - Richtek Technology Corporation RT7296C Datasheet HTML 5Page - Richtek Technology Corporation RT7296C Datasheet HTML 6Page - Richtek Technology Corporation RT7296C Datasheet HTML 7Page - Richtek Technology Corporation RT7296C Datasheet HTML 8Page - Richtek Technology Corporation RT7296C Datasheet HTML 9Page - Richtek Technology Corporation RT7296C Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
RT7296C
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS7296C-00
May
2015
6
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
EN Input Voltage
Logic-High
VIH
1.2
1.4
1.6
V
Logic-Low
VIL
1.1
1.25
1.4
EN Input Current
IEN
VEN = 2V
--
2
--
A
VEN = 0V
--
0
--
EN Turn-off Delay
ENtd-off
--
8
--
s
Input Under-Voltage
Lockout Threshold
VIN Rising
VUVLO
VIN Rising
3.7
3.9
4.1
V
Hysteresis
VUVLO
--
650
--
mV
VCC Regulator
VCC
--
5
--
V
VCC Load Regulation
VLOAD
IVCC = 5mA
--
3
--
%
Soft-Start Charge Current
ISS
--
11
--
A
Thermal Shutdown Temperature
TSD
--
150
--
oC
Thermal Shutdown Hysteresis
TSD
--
20
--
oC
Note 1. Stresses beyond those listed "Absolute Maximum Ratings" may cause permanent damage to the device. These are
stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions may affect
device reliability.
Note 2.
JA is measured at TA = 25C on a high effective thermal conductivity four-layer test board per JEDEC 51-7. JC is
measured at the exposed pad of the package.
Note 3. Devices are ESD sensitive. Handling precaution recommended.
Note 4. The device is not guaranteed to function outside its operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com