Electronic Components Datasheet Search
  English  ▼

X  

RT7296C Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT7296C
Description  The RT7296C is a high-efficiency
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7296C Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT7296C Datasheet HTML 5Page - Richtek Technology Corporation RT7296C Datasheet HTML 6Page - Richtek Technology Corporation RT7296C Datasheet HTML 7Page - Richtek Technology Corporation RT7296C Datasheet HTML 8Page - Richtek Technology Corporation RT7296C Datasheet HTML 9Page - Richtek Technology Corporation RT7296C Datasheet HTML 10Page - Richtek Technology Corporation RT7296C Datasheet HTML 11Page - Richtek Technology Corporation RT7296C Datasheet HTML 12Page - Richtek Technology Corporation RT7296C Datasheet HTML 13Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
RT7296C
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS7296C-00
May
2015
10
Application Information
The RT7296C is a high voltage buck converter that can
support the input voltage range from 4.5V to 17V and
the input voltage range from 4.5V to 17V and the output
current can be up to 3A.
Output Voltage Selection
The resistive voltage divider allows the FB pin to sense
a fraction of the output voltage as shown in Figure 1.
RT7296C
GND
FB
R1
R2
VOUT
R5
Figure 1. Output Voltage Setting
For adjustable voltage mode, the output voltage is set
by an external resistive voltage divider according to the
following equation :
OUT
FB
R1
V
V
1
R2




Where VFB is the feedback reference voltage (0.807V
typ.). Table 2 lists the recommended resistors value for
common output voltages.
Table 2. Recommended Resistors Value
VOUT (V)
R1 (k
)
R2 (k
)
R5 (k
)
1.0
20.5
84.5
140
3.3
40.2
13
24
5.0
40.2
7.68
24
External Bootstrap Diode
Connect a 100nF low ESR ceramic capacitor between
the BOOT pin and SW pin. This capacitor provides the
gate driver voltage for the high side MOSFET. It is
recommended to add an external bootstrap diode
between an external 5V and BOOT pin, as shown as
Figure 2, for efficiency improvement when input voltage
is lower than 5.5V or duty ratio is higher than 65% .The
bootstrap diode can be a low cost one such as IN4148
or BAT54. The external 5V can be a 5V fixed input from
system or a 5V output (PVCC) of the RT7296C.
SW
BOOT
5V
RT7296C
100nF
Figure 2. External Bootstrap Diode
External Soft-Start Capacitor
RT7296C provides external soft-start function. The
soft-start function is used to prevent large inrush
current while converter is being powered-up. The
soft-start timing can be programmed by the external
capacitor (CSS) between SS pin and GND. The Chip
provides a 11
A charge current (ISS) for the external
capacitor. The soft-start time (tSS, VREF is from 0V to
0.8V) can be calculated by the following formula :
SS
SS
SS
C
(nF) 1.3
t
(ms) =
I
( A)
Inductor Selection
The inductor value and operating frequency determine
the ripple current according to a specific input and
output voltage. The ripple current
IL increases with
higher VIN and decreases with higher inductance.
OUT
OUT
L
IN
VV
I1
f L
V


 
 


 
Having a lower ripple current reduces not only the ESR
losses in the output capacitors but also the output
voltage ripple. High frequency with small ripple current
can achieve highest efficiency operation. However, it
requires a large inductor to achieve this goal.
For the ripple current selection, the value of
IL =
0.3(IMAX) will be a reasonable starting point. The
largest ripple current occurs at the highest VIN. To
guarantee that the ripple current stays below the
specified maximum, the inductor value should be
chosen according to the following equation :
OUT
OUT
L(MAX)
IN(MAX)
VV
L1
f
I
V
 
 
 
 

 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com