Electronic Components Datasheet Search
  English  ▼

X  

RT7296C Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT7296C
Description  The RT7296C is a high-efficiency
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7296C Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT7296C Datasheet HTML 3Page - Richtek Technology Corporation RT7296C Datasheet HTML 4Page - Richtek Technology Corporation RT7296C Datasheet HTML 5Page - Richtek Technology Corporation RT7296C Datasheet HTML 6Page - Richtek Technology Corporation RT7296C Datasheet HTML 7Page - Richtek Technology Corporation RT7296C Datasheet HTML 8Page - Richtek Technology Corporation RT7296C Datasheet HTML 9Page - Richtek Technology Corporation RT7296C Datasheet HTML 10Page - Richtek Technology Corporation RT7296C Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
RT7296C
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS7296C-00
May
2015
www.richtek.com
7
Typical Application Circuit
VIN
EN/SYNC
GND
BOOT
FB
SW
VOUT
3.3V
VIN
4.5V to 17V
RT7296C
Enable
R5
24k
R1
40.2k
R2
13k
PVCC
SS
C3
0.1
μF
C4
22
μF
C1
22
μF
C2
0.1
μF
L1
1.5
μH
C5
22nF
R6
10
2
1
3
4
5
6
7
8
CFF
Table 1. Suggested Component Values
VOUT (V)
R1 (k
)
R2 (k
)
R5 (k
)
Cff (pF)
C4 (
F)
L1 (
H)
1.0
20.5
84.5
140
15
22
0.52
3.3
40.2
13
24
15
22
1.5
5.0
40.2
7.68
24
15
22
1.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com