Electronic Components Datasheet Search
  English  ▼

X  

MRF151G Datasheet(PDF) 3 Page - Tyco Electronics

Part # MRF151G
Description  N-CHANNEL BROADBAND RF POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF151G Datasheet(HTML) 3 Page - Tyco Electronics

  MRF151G Datasheet HTML 1Page - Tyco Electronics MRF151G Datasheet HTML 2Page - Tyco Electronics MRF151G Datasheet HTML 3Page - Tyco Electronics MRF151G Datasheet HTML 4Page - Tyco Electronics MRF151G Datasheet HTML 5Page - Tyco Electronics MRF151G Datasheet HTML 6Page - Tyco Electronics MRF151G Datasheet HTML 7Page - Tyco Electronics MRF151G Datasheet HTML 8Page - Tyco Electronics MRF151G Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Figure 2. Capacitance versus
Drain–Source Voltage*
Figure 3. Common Source Unity Gain Frequency
versus Drain Current*
Figure 4. Gate–Source Voltage versus
Case Temperature*
Figure 5. DC Safe Operating Area
TYPICAL CHARACTERISTICS
Figure 6. RF Transformer
*Data shown applies to each half of MRF151G.
1000
500
200
100
50
0
20
0
102030
4050
VDS, DRAIN–SOURCE VOLTAGE (VOLTS)
1.04
0.9
– 25
0
25
50
75
100
TC, CASE TEMPERATURE (°C)
1.03
1.02
1.01
1
0.99
0.98
0.97
0.96
0.95
0.94
0.93
0.92
0.91
Ciss
Coss
Crss
ID = 5 A
4 A
2 A
1 A
250 mA
100 mA
100
10
1
2
20
200
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
2000
0
04
8
12
16
20
ID, DRAIN CURRENT (AMPS)
1000
VDS = 30 V
2
6
10
14
18
15 V
TC = 25°C
HIGH IMPEDANCE
WINDINGS
CENTER
TAP
CENTER
TAP
4:1
IMPEDANCE
RATIO
9:1
IMPEDANCE
RATIO
CONNECTIONS
TO LOW IMPEDANCE
WINDINGS
3
REV 9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com