Electronic Components Datasheet Search
  English  ▼

X  

MRF151G Datasheet(PDF) 4 Page - Tyco Electronics

Part # MRF151G
Description  N-CHANNEL BROADBAND RF POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF151G Datasheet(HTML) 4 Page - Tyco Electronics

  MRF151G Datasheet HTML 1Page - Tyco Electronics MRF151G Datasheet HTML 2Page - Tyco Electronics MRF151G Datasheet HTML 3Page - Tyco Electronics MRF151G Datasheet HTML 4Page - Tyco Electronics MRF151G Datasheet HTML 5Page - Tyco Electronics MRF151G Datasheet HTML 6Page - Tyco Electronics MRF151G Datasheet HTML 7Page - Tyco Electronics MRF151G Datasheet HTML 8Page - Tyco Electronics MRF151G Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Figure 7. Output Power versus Input Power
Figure 8. Power Gain versus Frequency
TYPICAL CHARACTERISTICS
Figure 9. Input and Output Impedance
30
5
2
5
10
30
100
200
f, FREQUENCY (MHz)
VDD = 50 V
IDQ = 2 x 250 mA
Pout = 150 W
25
20
15
10
350
0
05
10
Pin, INPUT POWER (WATTS)
300
250
200
150
100
50
VDD = 50 V
IDQ = 2 x 250 mA
200 MHz
175 MHz
f = 150 MHz
150
30
f = 175 MHz
Zo = 10 Ω
ZOL* = Conjugate of the optimum load impedance
ZOL* = into which the device output operates at a
ZOL* = given output power, voltage and frequency.
f = 175 MHz
125
100
INPUT, Zin
(GATE TO GATE)
OUTPUT, ZOL*
(DRAIN TO DRAIN)
150
125
100
30
4
REV 9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com