Electronic Components Datasheet Search
  English  ▼

X  

MRF151G Datasheet(PDF) 6 Page - Tyco Electronics

Part # MRF151G
Description  N-CHANNEL BROADBAND RF POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF151G Datasheet(HTML) 6 Page - Tyco Electronics

  MRF151G Datasheet HTML 1Page - Tyco Electronics MRF151G Datasheet HTML 2Page - Tyco Electronics MRF151G Datasheet HTML 3Page - Tyco Electronics MRF151G Datasheet HTML 4Page - Tyco Electronics MRF151G Datasheet HTML 5Page - Tyco Electronics MRF151G Datasheet HTML 6Page - Tyco Electronics MRF151G Datasheet HTML 7Page - Tyco Electronics MRF151G Datasheet HTML 8Page - Tyco Electronics MRF151G Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Table 1. Common Source S–Parameters (VDS = 50 V, ID = 2 A) continued
f
S11
S21
S12
S22
f
MHz
|S11|
φ
|S21|
φ
|S12|
φ
|S22|
φ
430
0.976
171
0.19
10
0.073
76
0.950
168
440
0.976
171
0.20
12
0.075
75
0.953
168
450
0.978
171
0.19
10
0.080
77
0.982
168
460
0.978
170
0.18
13
0.082
74
0.990
165
470
0.978
170
0.18
10
0.081
77
0.953
168
480
0.974
170
0.18
13
0.085
78
0.944
167
490
0.973
169
0.17
13
0.086
75
0.966
165
500
0.972
169
0.17
14
0.089
73
0.980
165
Table 2. Common Source S–Parameters (VDS = 50 V, ID = 0.38 A)
f
S11
S21
S12
S22
f
MHz
|S11|
φ
|S21|
φ
|S12|
φ
|S22|
φ
30
0.834
–168
9.70
74
0.014
–10
0.747
–162
40
0.869
–169
6.47
62
0.013
–19
0.731
–159
50
0.883
–170
5.13
55
0.012
–24
0.754
–161
60
0.892
–171
4.03
51
0.011
–24
0.823
–164
70
0.901
–172
3.39
50
0.010
–20
0.912
–167
80
0.911
–173
2.80
47
0.009
–16
0.996
–168
90
0.924
–173
2.39
42
0.008
–14
1.100
–167
100
0.935
–174
1.99
35
0.006
–15
1.100
–167
110
0.945
–174
1.67
29
0.005
–17
1.070
–169
120
0.953
–175
1.36
25
0.004
–10
0.988
–167
130
0.958
–175
1.14
23
0.004
4
0.934
–169
140
0.962
–176
1.01
23
0.004
26
0.935
–170
150
0.964
–177
0.93
24
0.004
45
0.983
–172
160
0.966
–177
0.85
24
0.004
58
1.080
–173
170
0.969
–178
0.79
21
0.005
61
1.170
–173
180
0.972
–178
0.74
17
0.006
57
1.250
–173
190
0.975
–178
0.65
10
0.007
56
1.210
–174
200
0.977
–179
0.56
8
0.008
63
1.110
–174
210
0.979
–179
0.50
7
0.008
72
1.010
–174
220
0.980
–179
0.44
9
0.008
81
0.958
–172
230
0.980
–180
0.41
9
0.009
79
1.020
–175
240
0.981
180
0.38
12
0.009
74
1.020
–178
250
0.982
180
0.38
11
0.011
74
1.060
–176
260
0.983
179
0.34
8
0.014
76
1.180
–179
270
0.984
179
0.34
4
0.014
80
1.220
–180
280
0.984
179
0.30
3
0.013
79
1.180
–179
290
0.984
178
0.27
–4
0.012
73
1.040
–177
300
0.984
178
0.25
0
0.014
69
0.996
–178
310
0.984
178
0.24
4
0.017
74
0.951
–178
320
0.985
177
0.23
7
0.019
83
0.964
179
330
0.985
177
0.20
3
0.019
90
1.060
180
6
REV 9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com