Electronic Components Datasheet Search
  English  ▼

X  

MRF151G Datasheet(PDF) 5 Page - Tyco Electronics

Part # MRF151G
Description  N-CHANNEL BROADBAND RF POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF151G Datasheet(HTML) 5 Page - Tyco Electronics

  MRF151G Datasheet HTML 1Page - Tyco Electronics MRF151G Datasheet HTML 2Page - Tyco Electronics MRF151G Datasheet HTML 3Page - Tyco Electronics MRF151G Datasheet HTML 4Page - Tyco Electronics MRF151G Datasheet HTML 5Page - Tyco Electronics MRF151G Datasheet HTML 6Page - Tyco Electronics MRF151G Datasheet HTML 7Page - Tyco Electronics MRF151G Datasheet HTML 8Page - Tyco Electronics MRF151G Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
NOTE:
S–Parameter data represents measurements taken from one chip only.
Table 1. Common Source S–Parameters (VDS = 50 V, ID = 2 A)
f
S11
S21
S12
S22
f
MHz
|S11|
φ
|S21|
φ
|S12|
φ
|S22|
φ
30
0.877
–174
10.10
77
0.008
19
0.707
–169
40
0.886
–175
7.47
69
0.009
24
0.715
–172
50
0.895
–175
5.76
63
0.008
33
0.756
–171
60
0.902
–176
4.73
58
0.009
39
0.764
–171
70
0.912
–176
3.86
52
0.009
46
0.784
–172
80
0.918
–177
3.19
48
0.010
54
0.802
–171
90
0.925
–177
2.69
45
0.011
62
0.808
–171
100
0.932
–177
2.34
40
0.013
67
0.850
–173
110
0.936
–178
2.06
37
0.014
72
0.865
–175
120
0.942
–178
1.77
35
0.015
76
0.875
–173
130
0.946
–179
1.55
32
0.017
77
0.874
–172
140
0.950
–179
1.39
30
0.019
77
0.884
–174
150
0.954
–180
1.23
27
0.021
78
0.909
–175
160
0.957
–180
1.13
24
0.023
79
0.911
–176
170
0.960
180
1.01
22
0.024
82
0.904
–177
180
0.962
179
0.90
20
0.026
82
0.931
–176
190
0.964
179
0.84
19
0.028
80
0.929
–178
200
0.967
179
0.75
18
0.030
79
0.922
–179
210
0.967
178
0.71
16
0.032
80
0.937
–180
220
0.969
178
0.67
14
0.035
82
0.949
180
230
0.971
178
0.60
12
0.038
81
0.950
179
240
0.970
177
0.57
12
0.037
80
0.950
179
250
0.972
177
0.51
12
0.039
80
0.935
179
260
0.973
177
0.47
11
0.041
79
0.954
178
270
0.972
176
0.45
9
0.044
80
0.953
176
280
0.974
176
0.41
9
0.046
80
0.965
175
290
0.974
176
0.40
6
0.046
79
0.944
175
300
0.975
176
0.39
10
0.048
82
0.929
176
310
0.976
175
0.36
9
0.049
82
0.943
176
320
0.974
175
0.33
7
0.053
78
0.954
173
330
0.975
174
0.31
4
0.056
78
0.935
172
340
0.976
174
0.30
10
0.056
77
0.948
172
350
0.975
174
0.29
7
0.058
80
0.950
174
360
0.977
174
0.28
8
0.059
79
0.978
172
370
0.976
173
0.26
8
0.061
76
0.981
170
380
0.976
173
0.26
7
0.065
75
0.944
171
390
0.977
173
0.24
10
0.066
76
0.960
171
400
0.976
172
0.23
7
0.068
80
0.955
173
410
0.976
172
0.22
9
0.071
77
0.999
170
420
0.977
172
0.21
9
0.071
76
0.962
168
5
REV 9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com