Electronic Components Datasheet Search
  English  ▼

X  

MRF151G Datasheet(PDF) 7 Page - Tyco Electronics

Part # MRF151G
Description  N-CHANNEL BROADBAND RF POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF151G Datasheet(HTML) 7 Page - Tyco Electronics

  MRF151G Datasheet HTML 1Page - Tyco Electronics MRF151G Datasheet HTML 2Page - Tyco Electronics MRF151G Datasheet HTML 3Page - Tyco Electronics MRF151G Datasheet HTML 4Page - Tyco Electronics MRF151G Datasheet HTML 5Page - Tyco Electronics MRF151G Datasheet HTML 6Page - Tyco Electronics MRF151G Datasheet HTML 7Page - Tyco Electronics MRF151G Datasheet HTML 8Page - Tyco Electronics MRF151G Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Table 2. Common Source S–Parameters (VDS = 50 V, ID = 0.38 A) continued
f
S11
S21
S12
S22
f
MHz
|S11|
φ
|S21|
φ
|S12|
φ
|S22|
φ
340
0.986
177
0.22
7
0.017
87
1.100
179
350
0.986
177
0.20
5
0.017
76
1.140
–180
360
0.986
176
0.19
–2
0.021
67
1.160
180
370
0.985
176
0.17
–3
0.024
69
1.100
180
380
0.985
176
0.16
–3
0.024
77
1.070
–180
390
0.985
176
0.15
0
0.021
85
0.993
–180
400
0.985
175
0.14
3
0.018
85
0.962
–180
410
0.985
175
0.14
2
0.021
72
1.040
179
420
0.986
175
0.13
5
0.027
68
1.060
177
430
0.986
174
0.13
4
0.031
73
1.100
177
440
0.986
174
0.13
0
0.030
81
1.140
177
450
0.985
174
0.13
–1
0.025
87
1.110
178
460
0.984
174
0.11
–2
0.022
68
1.090
176
470
0.984
174
0.10
–1
0.025
59
1.020
177
480
0.985
173
0.10
3
0.034
66
0.993
179
490
0.986
173
0.10
1
0.038
79
1.020
178
500
0.986
173
0.10
6
0.035
93
1.010
177
7
REV 9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com