Electronic Components Datasheet Search
  English  ▼

X  

DG401 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DG401
Description  Improved, Dual, High-Speed Analog Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG401 Datasheet(HTML) 8 Page - Maxim Integrated Products

  DG401 Datasheet HTML 1Page - Maxim Integrated Products DG401 Datasheet HTML 2Page - Maxim Integrated Products DG401 Datasheet HTML 3Page - Maxim Integrated Products DG401 Datasheet HTML 4Page - Maxim Integrated Products DG401 Datasheet HTML 5Page - Maxim Integrated Products DG401 Datasheet HTML 6Page - Maxim Integrated Products DG401 Datasheet HTML 7Page - Maxim Integrated Products DG401 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
___________________Chip Topography
D1
S1
D2
S2
IN1
V-
GND
VL
V+
IN2
0.102”
(2.59mm)
D3
(DG403/DG405)
S3
(DG403/DG405)
S4
(DG403/DG405)
D4
(DG403/DG405)
0.070”
(1.78mm)
Improved, Dual, High-Speed Analog Switches
_Ordering Information (continued)
____Pin Configurations (continued)
* Contact factory for dice specifications.
* *Contact factory for availability and processing to MIL-STD-883B.
DG401
LCC
DG403
14
15
16
17
18
5
6
7
8
S3
D3 4
N.C.
S4
D4
V-
GND
N.C.
VL
V+
14
15
16
17
18
4
5
6
7
8
N.C.
N.C.
N.C.
N.C.
N.C.
V-
GND
N.C.
VL
V+
TOP VIEW
DG405
14
15
16
17
18
4
5
6
7
8
D3
S3
N.C.
S4
D4
V-
GND
N.C.
VL
V+
20 LCC**
-55°C to +125°C
DG401AZ
16 CERDIP**
-55°C to +125°C
DG401AK
16 CERDIP
-40°C to +85°C
DG401DK
16 Narrow SO
-40°C to +85°C
DG401DY
16 Plastic DIP
-40°C to +85°C
DG401DJ
20 LCC**
-55°C to +125°C
DG405AZ
16 CERDIP**
-55°C to +125°C
DG405AK
16 CERDIP
-40°C to +85°C
DG405DK
16 Plastic DIP
-40°C to +85°C
DG405DJ
16 Narrow SO
-40°C to +85°C
DG405DY
Dice*
0°C to +70°C
DG405C/D
16 Narrow SO
0°C to +70°C
DG405CY
16 Plastic DIP
0°C to +70°C
DG405CJ
20 LCC**
-55°C to +125°C
DG403AZ
16 CERDIP**
-55°C to +125°C
DG403AK
16 CERDIP
-40°C to +85°C
DG403DK
16 Narrow SO
-40°C to +85°C
DG403DY
16 Plastic DIP
-40°C to +85°C
DG403DJ
Dice*
0°C to +70°C
DG403C/D
16 Narrow SO
0°C to +70°C
DG403CY
16 Plastic DIP
0°C to +70°C
DG403CJ
PIN PACKAGE
TEMP. RANGE
PART
TRANSISTOR COUNT: 66
SUBSTRATE CONNECTED TO V+
N.C. = NOT INTERNALLY
CONNECTED
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
8 _____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600
© 1999 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com