Electronic Components Datasheet Search
  English  ▼

X  

DG401 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DG401
Description  Improved, Dual, High-Speed Analog Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG401 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DG401 Datasheet HTML 1Page - Maxim Integrated Products DG401 Datasheet HTML 2Page - Maxim Integrated Products DG401 Datasheet HTML 3Page - Maxim Integrated Products DG401 Datasheet HTML 4Page - Maxim Integrated Products DG401 Datasheet HTML 5Page - Maxim Integrated Products DG401 Datasheet HTML 6Page - Maxim Integrated Products DG401 Datasheet HTML 7Page - Maxim Integrated Products DG401 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TA = TMIN to TMAX
V+ = 16.5V, V- = -16.5V,
VD = 15.5V,
VS = ±15.5V,
V+ = 16.5V, V- = -16.5V,
VD = ±15.5V,
VS =
15.5V
Improved, Dual, High-Speed Analog Switches
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(V+ = 15V, V- = -15V, VL = +5V, GND = 0V, VINH = +2.4V, VINL = +0.8V, TA = TMIN to TMAX, unless otherwise noted.)
Note 1: Signals on S, D or IN exceeding V+ or V- are clamped by internal diodes. Limit forward current to maximum
current rating.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage Referenced to V-
V+.......................................................................................44V
GND ...................................................................................25V
VL .................................................(GND - 0.3V) to (V+ + 0.3V)
Digital Inputs, VS, VD (Note 1) .......(V- - 2V) to (V+ + 2V) or 20mA
(whichever occurs first)
Continuous Current (any terminal) ......................................30mA
Continuous Current, S or D .................................................20mA
Peak Current, S or D
(pulsed at 1ms, 10% duty cycle max) ..........................100mA
Continuous Power Dissipation (TA = +70°C)
16-Pin Plastic DIP(derate 10.53mW/°C above +70°C)...842mW
16-Pin Narrow SO (derate 8.70mW/°C above +70°C) ...696mW
16-Pin CERDIP (derate 10.00mW/°C above 70°C) .......800mW
20-Pin LCC (derate 9.09mW/°C above +70°C) ............727mW
Operating Temperature Ranges
DG40_C_ .............................................................0°C to +70°C
DG40_D_ ..........................................................-40°C to +85°C
DG40_A_ ........................................................-55°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
PARAMETER
SYMBOL
CONDITIONS
TEMP.
RANGE
MIN
TYP
MAX
(Note 2)
UNITS
Analog Signal Range
VANALOG (Note 3)
-15
+15
V
C,D
20
45
A
20
30
C,D
55
Drain-Source
On-Resistance
rDS(ON)
V+ = 13.5V, V- = -13.5V,
IS = -10mA,
VD = ±10V,
VINH = 2.4V,
VINL = 0.8V
A
45
Ω
0.5
2
Drain-Source
On-Resistance Match
Between Channels (Note 4)
∆rDS(ON)
V+ = 15V, V- = -15V,
IS = -10mA,
VD = ±10V
C, D, A
Ω
On-Resistance Flatness
(Note 4)
rFLAT(ON)
V+ = 15V, V- = -15V,
IS = -10mA,
VD = ±5V, 0V
C, D, A
3
Ω
C, D
-0.50
-0.01
0.50
A
-0.25
-0.01
0.25
C, D
-5
5
Source-Off
Leakage Current
(Note 7)
IS(OFF)
A
-10
10
nA
C, D
-0.50
-0.01
0.50
A
-0.25
-0.01
0.25
C, D
-5
5
Drain-Off
Leakage Current
(Note 7)
ID(OFF)
A
-10
10
nA
C, D
-1.0
-0.04
1.0
A
-0.4
-0.04
0.4
C, D
-10
10
Drain-On
Leakage Current
(Note 7)
ID(ON)
or
IS(ON)
V+ = 16.5V, V- = -16.5V,
VD = ±15.5V,
VS = ±15.5V
A
-20
20
nA
TA = +25°C
TA = TMIN to TMAX
TA = +25°C
TA = +25°C
TA = +25°C
TA = TMIN to TMAX
TA = +25°C
TA = TMIN to TMAX
TA = +25°C
TA = TMIN to TMAX
TA = TMIN to TMAX
3
6
SWITCH



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com