Electronic Components Datasheet Search
  English  ▼

X  

DG401 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DG401
Description  Improved, Dual, High-Speed Analog Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG401 Datasheet(HTML) 6 Page - Maxim Integrated Products

  DG401 Datasheet HTML 1Page - Maxim Integrated Products DG401 Datasheet HTML 2Page - Maxim Integrated Products DG401 Datasheet HTML 3Page - Maxim Integrated Products DG401 Datasheet HTML 4Page - Maxim Integrated Products DG401 Datasheet HTML 5Page - Maxim Integrated Products DG401 Datasheet HTML 6Page - Maxim Integrated Products DG401 Datasheet HTML 7Page - Maxim Integrated Products DG401 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Improved, Dual, High-Speed Analog Switches
6
_______________________________________________________________________________________
______________________________________________Timing Diagrams/Test Circuits
50%
tOFF
tr < 20ns
tf < 20ns
VOUT
VOUT
tON
0.9 x VOUT
0.9 x VOUT
+3V
0V
0V
LOGIC
INPUT
SWITCH
OUTPUT
LOGIC INPUT WAVEFORM IS INVERTED FOR
SWITCHES THAT HAVE THE OPPOSITE LOGIC
SENSE CONTROL.
+5V
+15V
VOUT
RL = 1000Ω
CL = 35pF
-15V
REPEAT TEST FOR IN2 AND S2
0V
GND
LOGIC
INPUT
VD = +10V (for tON)
VD = -10V (for tOFF)
FOR LOAD CONDITIONS, SEE Electrical Characteristics.
CL INCLUDES FIXTURE AND STRAY CAPACITANCE.
VOUT = VD
RL
RL + rDS(ON)
V+
VL
V-
D
IN
S
(
)
DG401
DG403
DG405
VGEN
GND
CL
10nF
VOUT
0V
-15V
V-
VL
V+
RGEN
VOUT
IN
ON
OFF
ON
∆VOUT
Q = (
∆VOUT) (CL)
+5V
+15V
SD
DG401
DG403
DG405
50%
VOUT1
VOUT2
0.9 x VOUT
+3V
0V
0V
LOGIC
INPUT
SWITCH
OUTPUT 1
SWITCH
OUTPUT 2
+5V
VL
+15V
V+
V-
-15V
CL INCLUDES FIXTURE AND STRAY CAPACITANCE.
0V
GND
LOGIC
INPUT
0V
0.9 x VOUT
tD
tD
IN
RL2
CL2
VOUT2
RL1
VOUT1
CL1
RL = 1000Ω
CL = 35pF
D
D
S
S
+10V
+10V
DG401
DG403
DG405
Figure 2. Switching Time
Figure 4. Charge Injection
Figure 3. Break-Before-Make Interval



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com