Electronic Components Datasheet Search
  English  ▼

X  

DG401 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DG401
Description  Improved, Dual, High-Speed Analog Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG401 Datasheet(HTML) 5 Page - Maxim Integrated Products

  DG401 Datasheet HTML 1Page - Maxim Integrated Products DG401 Datasheet HTML 2Page - Maxim Integrated Products DG401 Datasheet HTML 3Page - Maxim Integrated Products DG401 Datasheet HTML 4Page - Maxim Integrated Products DG401 Datasheet HTML 5Page - Maxim Integrated Products DG401 Datasheet HTML 6Page - Maxim Integrated Products DG401 Datasheet HTML 7Page - Maxim Integrated Products DG401 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Improved, Dual, High-Speed Analog Switches
_______________________________________________________________________________________
5
__________Applications Information
_____________________Pin Description
Figure 1. Overvoltage Protection Using External Blocking Diodes
Operation with Supply Voltages
Other than ±15V
The DG401/DG403/DG405 switches operate with
±4.5V to ±20V bipolar supplies or with a +10V to +30V
single supply. In either case, analog signals ranging
from V+ to V- can be switched. The Typical Operating
Characteristics graphs illustrate typical analog-signal
and supply-voltage on-resistance variations. The usual
on-resistance temperature coefficient is 0.5%/°C (typ).
Logic Inputs
These devices operate with a single positive supply or
with bipolar supplies. They maintain TTL compatibility
with supplies anywhere in the ±4.5V to ±20V range as
long as VL = +5V. If VL is connected to V+ or another
supply at voltages other than +5V, the devices will
operate at CMOS-logic-level inputs.
Overvoltage Protection
Proper power-supply sequencing is recommended for
all CMOS devices. Do not exceed the absolute
maximum ratings because stresses beyond the listed
ratings may cause permanent damage to the devices.
Always sequence V+ on first, followed by VL, V-, and
logic inputs. If power-supply sequencing is not
possible, add two small, external signal diodes in
series with supply pins for overvoltage protection
(Figure 1). Adding diodes reduces the analog-signal
range to 1V below V+ and 1V below V-, without affect-
ing low switch resistance and low leakage
characteristics. Device operation is unchanged, and
the difference between V+ and V- should not exceed
+44V.
DG401
DIP/SO
LCC
NAME
FUNCTION
1, 8
2, 10
D1, D2
Drain (Analog Signal)
2-7
1, 3-9,
11, 16
N.C.
Not internally connected
9, 16
12, 20
S2, S1
Source (Analog Signal)
10, 15
13, 19
IN2, IN1 Digital Logic Inputs
11
14
V+
Positive Supply-Voltage
Input—connected to
substrate
12
15
VL
Logic Supply-Voltage Input
13
17
GND
Ground
14
18
V-
Negative Supply-Voltage
Input
DG403
DIP/SO
LCC
NAME
FUNCTION
1, 8, 3, 6
2, 10, 4, 8
D1-D4
Drain (Analog Signal)
2, 7
1, 3, 6, 9,
11, 16
N.C.
Not internally connected
11
14
V+
Positive Supply-Voltage
Input—connected to
substrate
12
15
VL
Logic Supply-Voltage Input
13
17
GND
Ground
14
18
V-
Negative Supply-Voltage
Input
DG405
DIP/SO
LCC
NAME
FUNCTION
1, 8, 3, 6
2, 10, 4, 8
D1-D4
Drain (Analog Signal)
2, 7
1, 3, 6, 9,
11, 16
N.C.
Not internally connected
11
14
V+
Positive Supply-Voltage
Input—connected to
substrate
12
15
VL
Logic Supply-Voltage Input
13
17
GND
Ground
14
18
V-
Negative Supply Voltage
V+
D
V-
S
Vg
16, 9, 4, 5
20, 12,
5, 7,
S1-S4
Source (Analog Signal)
10, 15
13, 19
IN2, IN1 Digital Logic Inputs
16, 9, 4, 5
20, 12,
5, 7,
S1-S4
Source (Analog Signal)
10, 15
13, 19
IN2, IN1 Digital Logic Inputs



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com