Electronic Components Datasheet Search
  English  ▼

X  

DG401 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DG401
Description  Improved, Dual, High-Speed Analog Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG401 Datasheet(HTML) 3 Page - Maxim Integrated Products

  DG401 Datasheet HTML 1Page - Maxim Integrated Products DG401 Datasheet HTML 2Page - Maxim Integrated Products DG401 Datasheet HTML 3Page - Maxim Integrated Products DG401 Datasheet HTML 4Page - Maxim Integrated Products DG401 Datasheet HTML 5Page - Maxim Integrated Products DG401 Datasheet HTML 6Page - Maxim Integrated Products DG401 Datasheet HTML 7Page - Maxim Integrated Products DG401 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Improved, Dual, High-Speed Analog Switches
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(V+ = 15V, V- = -15V, VL = +5V, GND = 0V, VINH = +2.4V, VINL = +0.8V, TA = TMIN to TMAX, unless otherwise noted.)
Note 2: This data sheet uses the algebraic convention, where the most negative value is a minimum and the most positive value is a
maximum.
Note 3: Guaranteed by design.
Note 4:
∆r
ON = ∆rON(max) - ∆rON(min). On-resistance match between channels and flatness are guaranteed only with specified
voltages. Flatness is defined as the difference between the maximum and minimum value of on-resistance as measured at the
extremes of the specified analog signal range.
Note 5: Off isolation = 20log (VS/VD), VD = output, VS = input to off switch.
Note 6: Between any two switches.
Note 7: Leakage parameters IS(OFF), ID(OFF), and ID(ON) are 100% tested at the maximum rated hot temperature and guaranteed by
correlation at +25°C.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
(Note 2)
UNITS
Input Current with Input Voltage High
IINH
VIN = 2.4V, all others = 0.8V
-1.0
0.005
1.0
µA
Input Current with Input Voltage Low
IINL
VIN = 0.8V, all others = 2.4V
-1.0
0.005
1.0
µA
Power-Supply Range
±4.5
±20
V
Positive Supply Current
I+
All channels on or off,
V+ = 16.5V, V- = -16.5V,
VIN = 0V or 5V
TA = +25°C
-1.0
0.01
1.0
µA
Negative Supply Current
I-
All channels on or off,
V+ = 16.5V, V- = -16.5V,
VIN = 0V or 5V
TA = +25°C
-1.0
0.01
1.0
µA
Logic Supply Current
IL
All channels on or off,
V+ = 16.5V, V- = -16.5V,
VIN = 0V or 5V
TA = +25°C
-1.0
0.01
1.0
µA
Ground Current
IGND
All channels on or off,
V+ = 16.5V, V- = -16.5V,
VIN = 0V or 5V
TA = +25°C
-1.0
0.01
1.0
µA
Turn-On Time
tON
Figure 2
TA = +25°C
100
150
ns
Turn-Off Time
tOFF
Figure 2
TA = +25°C
60
100
ns
Break-Before-Make Delay (Note 3)
tD
DG403 only,
Figure 3
TA = +25°C
10
20
ns
Charge Injection (Note 3)
Q
CL = 1.0nF, VGEN = 0V,
RGEN = 0Ω, Figure 4
TA = +25°C
10
15
pC
Off Isolation (Note 5)
OIRR
RL = 100Ω, CL = 5pF,
f = 1MHz, Figure 5
TA = +25°C
72
dB
Crosstalk (Note 6)
RL = 50Ω, CL = 5pF,
f = 1MHz, Figure 6
TA = +25°C
90
dB
Source-Off Capacitance
CS(OFF)
f = 1MHz, Figure 7
TA = +25°C
12
pF
Drain-Off Capacitance
CD(OFF)
f = 1MHz, Figure 7
TA = +25°C
12
pF
Channel-On Capacitance
CD(ON)
or CS(ON)
f = 1MHz, Figure 8
TA = +25°C
39
pF
TA = TMIN to TMAX
TA = TMIN to TMAX
TA = TMIN to TMAX
TA = TMIN to TMAX
-5.0
5.0
-5.0
5.0
-5.0
5.0
-5.0
5.0
INPUT
SUPPLY
DYNAMIC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com