Electronic Components Datasheet Search
  English  ▼

X  

DG401 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DG401
Description  Improved, Dual, High-Speed Analog Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG401 Datasheet(HTML) 1 Page - Maxim Integrated Products

  DG401 Datasheet HTML 1Page - Maxim Integrated Products DG401 Datasheet HTML 2Page - Maxim Integrated Products DG401 Datasheet HTML 3Page - Maxim Integrated Products DG401 Datasheet HTML 4Page - Maxim Integrated Products DG401 Datasheet HTML 5Page - Maxim Integrated Products DG401 Datasheet HTML 6Page - Maxim Integrated Products DG401 Datasheet HTML 7Page - Maxim Integrated Products DG401 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
_______________General Description
Maxim's redesigned DG401/DG403/DG405 analog
switches now feature guaranteed low on-resistance
matching between switches (2
Ω max) and guaranteed
on-resistance flatness over the signal range (3
Ω max).
These low on-resistance switches (20
Ω typ) conduct
equally well in either direction and are guaranteed to
have low charge injection (15pC max). The new design
offers lower off leakage current over temperature (less
than 5nA at +85°C).
The DG401/DG403/DG405 are dual, high-speed
switches. The single-pole/single-throw DG401 and
double-pole/single-throw DG405 are normally open
dual switches. The dual, single-pole/double-throw
DG403 has two normally open and two normally closed
switches. Switching times are 150ns max for tON and
100ns max for tOFF, with a maximum power consump-
tion of 35µW. These devices operate from a single
+10V to +30V supply, or bipolar supplies of ±4.5V to
±20V. Maxim's improved DG401/DG403/DG405 are
fabricated with a 44V silicon-gate process.
________________________Applications
Sample-and-Hold Circuits
Test Equipment
Guidance and Control Systems
Heads-Up Displays
Communications Systems
PBX, PABX
Battery-Operated Systems
Audio Signal Routing
Military Radios
______________________New Features
o Plug-In Upgrade for Industry-Standard
DG401/DG403/DG405
o Improved rDS(ON) Match Between Channels (2Ω max)
o Guaranteed rFLAT(ON) Over Signal Range (3Ω max)
o Improved Charge Injection (15pC max)
o Improved Off Leakage Current Over Temperature
(<5nA at +85°C)
__________________Existing Features
o Low rDS(ON) (30
Ω max)
o Single-Supply Operation +10V to +30V
Bipolar-Supply Operation ±4.5V to ±20V
o Low Power Consumption (35µW max)
o Rail-to-Rail Signal Handling Capability
o TTL/CMOS-Logic Compatible
______________Ordering Information
Ordering Information continued on last page.
*Contact factory for dice specifications.
Improved, Dual, High-Speed Analog Switches
________________________________________________________________ Maxim Integrated Products
1
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
S1
IN1
V-
GND
N.C.
N.C.
N.C.
D1
TOP VIEW
DG401
VL
V+
IN2
S2
D2
N.C.
N.C.
N.C.
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
S1
IN1
V-
GND
S3
D3
N.C.
D1
DG403
VL
V+
IN2
S2
D2
N.C.
D4
S4
DIP/SO
DIP/SO
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
S1
IN1
V-
GND
S3
D3
N.C.
D1
DG405
VL
V+
IN2
S2
D2
N.C.
D4
S4
DIP/SO
DG401
LOGIC
SWITCH
0
1
OFF
ON
DG403
LOGIC
SWITCHES 1, 2
0
1
OFF
ON
DG405
LOGIC
SWITCH
0
1
OFF
ON
SWITCHES 3, 4
ON
OFF
SWITCHES SHOWN FOR LOGIC "0" INPUT
N.C. = NOT INTERNALLY CONNECTED
LCC packages on last page.
_____________________Pin Configurations/Functional Diagrams/Truth Tables
19-4727; Rev 2; 6/99
PART
TEMP. RANGE
PIN PACKAGE
DG401CJ
0°C to +70°C
16 Plastic DIP
DG401CY
0°C to +70°C
16 Narrow SO
DG401C/D
0°C to +70°C
Dice*
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.


Similar Part No. - DG401

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG401 INTERSIL-DG401 Datasheet
93Kb / 9P
Monolithic CMOS Analog Switches
June 1999
DG401 INTERSIL-DG401 Datasheet
286Kb / 12P
Monolithic CMOS Analog Switches
November 20, 2006
logo
TEMIC Semiconductors
DG401 TEMIC-DG401 Datasheet
170Kb / 10P
Low-Power, High-Speed CMOS Analog Switches
logo
Vishay Siliconix
DG401 VISHAY-DG401 Datasheet
195Kb / 12P
Low-Power, High-Speed CMOS Analog Switches
11-Jun-07
DG401 VISHAY-DG401 Datasheet
262Kb / 17P
Low-Power, High-Speed CMOS Analog Switches
30-Nov-09
More results

Similar Description - DG401

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG417CJ MAXIM-DG417CJ Datasheet
170Kb / 12P
Improved, SPST/SPDT Analog Switches
19-0114; Rev 2; 12/96
MAX301 MAXIM-MAX301 Datasheet
93Kb / 8P
Precision, Dual, High-Speed Analog Switches
Rev 0; 9/93
logo
Vishay Siliconix
DG211B VISHAY-DG211B Datasheet
92Kb / 8P
Improved Quad CMOS Analog Switches
24-Apr-00
logo
Maxim Integrated Produc...
MAX301 MAXIM-MAX301_07 Datasheet
412Kb / 8P
Precision, Dual, High-Speed Analog Switches
Rev 1; 2/07
logo
Vishay Siliconix
DG201B VISHAY-DG201B_08 Datasheet
137Kb / 10P
Improved Quad CMOS Analog Switches
11-Jun-07
DG308B VISHAY-DG308B Datasheet
132Kb / 10P
Improved Quad CMOS Analog Switches
25-Jun-07
logo
Maxim Integrated Produc...
DG441 MAXIM-DG441 Datasheet
132Kb / 9P
Improved, Quad, SPST Analog Switches
Rev 5; 5/09
logo
Vishay Siliconix
DG308B VISHAY-DG308B_11 Datasheet
196Kb / 15P
Improved Quad CMOS Analog Switches
28-Feb-11
logo
Maxim Integrated Produc...
DG-403-DJ MAXIM-DG-403-DJ Datasheet
95Kb / 8P
Improved, Dual, High-Speed Analog Switches
Rev 2; 6/99
DG40135 MAXIM-DG40135 Datasheet
33Kb / 5P
IMPROVED, DUAL, HIGH-SPEED CHANNEL ANALOG SWITCHES
19-0079 Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com