Electronic Components Datasheet Search
  English  ▼

X  

DG401 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DG401
Description  Improved, Dual, High-Speed Analog Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG401 Datasheet(HTML) 7 Page - Maxim Integrated Products

  DG401 Datasheet HTML 1Page - Maxim Integrated Products DG401 Datasheet HTML 2Page - Maxim Integrated Products DG401 Datasheet HTML 3Page - Maxim Integrated Products DG401 Datasheet HTML 4Page - Maxim Integrated Products DG401 Datasheet HTML 5Page - Maxim Integrated Products DG401 Datasheet HTML 6Page - Maxim Integrated Products DG401 Datasheet HTML 7Page - Maxim Integrated Products DG401 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Improved, Dual, High-Speed Analog Switches
_______________________________________________________________________________________
7
_________________________________Timing Diagrams/Test Circuits (continued)
IN
0V or 2.4V
SIGNAL
GENERATOR
+15V
+5V
C
C
V+
VL
ANALYZER
CH A
CH B
S
RL
100
Ω
GND
D
C
-15V
C = 5pF
FREQUENCY
TESTED
1MHz
SIGNAL
GENERATOR
AUTOMATIC
SYNTHESIZER
ANALYZER
TRACKING
SPECTRUM
ANALYZER
OFF ISOLATION = 20log
VS
VD
V-
DG401
DG403
DG405
Figure 5. Off Isolation
Figure 6. Crosstalk
IN2
0V or 2.4V
SIGNAL
GENERATOR
+15V
+5V
C
C
VL
ANALYZER
CH A
CH B
RL
100
Ω
GND
C
V-
-15V
C = 5pF
FREQUENCY
TESTED
1MHz
SIGNAL
GENERATOR
AUTOMATIC
SYNTHESIZER
ANALYZER
TRACKING
SPECTRUM
ANALYZER
0V or 2.4V
IN1
50
Ω
V+
D
D
S
S
DG401
DG403
DG405
V-
CAPACITANCE
METER
GND
C
-15V
IN
0V or 2.4V
C
C
+15V
+5V
V+
VL
S
D
DG401
DG403
DG405
Figure 7. Channel-Off Capacitance
V-
CAPACITANCE
METER
GND
C
-15V
IN
0V or 2.4V
C
C
+15V
+5V
V+
VL
S
D
DG401
DG403
DG405
Figure 8. Channel-On Capacitance



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com