Electronic Components Datasheet Search
  English  ▼

X  

MAX110 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX110
Description  Low-Cost, 2-Channel, 짹14-Bit Serial ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX110 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX110 Datasheet HTML 4Page - Maxim Integrated Products MAX110 Datasheet HTML 5Page - Maxim Integrated Products MAX110 Datasheet HTML 6Page - Maxim Integrated Products MAX110 Datasheet HTML 7Page - Maxim Integrated Products MAX110 Datasheet HTML 8Page - Maxim Integrated Products MAX110 Datasheet HTML 9Page - Maxim Integrated Products MAX110 Datasheet HTML 10Page - Maxim Integrated Products MAX110 Datasheet HTML 11Page - Maxim Integrated Products MAX110 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Low-Cost, 2-Channel, ±14-Bit Serial ADCs
8
_______________________________________________________________________________________
____________________________Typical Operating Characteristics (continued)
(MAX111, VDD = 5V, VREF+ = 1.5V, VREF- = 0V, differential input (VIN+ = -VIN-), fXCLK = 1MHz, ÷ 2 mode (DV2 = 1),
81,920 clocks/conv, TA = +25°C, unless otherwise noted.)
0.14
0.12
0.1
0.04
0.02
0
0
0.25
0.50
0.75
1.00
0.08
0.06
fOSC (MHz)
÷4 MODE
÷2 MODE
÷ 1 MODE
VDD = 4.75V
TA = +85°C
MAX111 RELATIVE ACCURACY vs.
OVERSAMPLING FREQUENCY (fOSC)
0.10
0.04
0.02
0
-50
-25
0
25
50
75
100
0.08
0.06
TEMPERATURE (°C)
MAX111 RELATIVE ACCURACY
vs. TEMPERATURE
7
6
5
2
1
0
0
0.25
0.50
0.75
1.00
1.25
4
3
fOSC (MHz)
÷ 4 MODE
÷ 2 MODE
÷ 1 MODE
MAX111 POWER DISSIPATION vs.
OVERSAMPLING FREQUENCY (fOSC)
VDD = 5.25V
VIN = 0V
TA = -40°C
0.10
0.05
0
-0.05
-0.10
VIN (V)
-2.0
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
2.0
MAX111 RELATIVE ACCURACY
(-0.667VREF < VIN < 0.667VREF)
0.10
0.05
0
-0.05
-0.10
VIN (V)
-2.0
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
2.0
MAX111 RELATIVE ACCURACY
(-VREF < VIN < VREF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com