Electronic Components Datasheet Search
  English  ▼

X  

MAX110 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX110
Description  Low-Cost, 2-Channel, 짹14-Bit Serial ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX110 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX110 Datasheet HTML 2Page - Maxim Integrated Products MAX110 Datasheet HTML 3Page - Maxim Integrated Products MAX110 Datasheet HTML 4Page - Maxim Integrated Products MAX110 Datasheet HTML 5Page - Maxim Integrated Products MAX110 Datasheet HTML 6Page - Maxim Integrated Products MAX110 Datasheet HTML 7Page - Maxim Integrated Products MAX110 Datasheet HTML 8Page - Maxim Integrated Products MAX110 Datasheet HTML 9Page - Maxim Integrated Products MAX110 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Low-Cost, 2-Channel, ±14-Bit Serial ADCs
6
_______________________________________________________________________________________
Note 10: Timing specifications are guaranteed by design. All input control signals are specified with tr = tf = 5ns
(10% to 90% of +5V) and timed from a +1.6V voltage level.
Note 1: These specifications apply after auto-null and gain calibration. Performance at power-supply tolerance limits is guaranteed
by power-supply rejection tests. Tests are performed at VDD = 5V and VSS = -5V (MAX110).
Note 2: 32,768 LSBs cover an input voltage range of ±VREF (15 bits). An additional bit (OFL) is set for VIN > VREF.
Note 3: Guaranteed by design. Not subject to production testing.
Note 4: DNL is less than ±2 counts (LSBs) out of 215 counts (±14 bits). The major source of DNL is noise, and this can be further
improved by averaging.
Note 5: See
3-Step Calibration section in text.
Note 6: VREF = (VREF+ - VREF-), VIN = (VIN1+ - VIN1-) or (VIN2+ - VIN2-). The voltage is interpreted as negative when the voltage at
the negative input terminal exceeds the voltage at the positive input terminal.
Note 7: Conversion time is set by control bits CONV1–CONV4.
Note 8: Tested at clock frequency of 1MHz with the divide-by-2 mode (i.e. oversampling clock of 500kHz). See
Typical Operating
Characteristics section for the effect of other clock frequencies. Also read the Clock Frequency section.
Note 9: This current depends strongly on CXCLK (see Applications Information section).
TIMING CHARACTERISTICS (see Figure 6)
(VDD = 5V, VSS = -5V (MAX110), TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
MHz
1.1
3.0
MAX11_ BM
RC Oscillator Frequency
1.3
2.8
MAX11_ _C/E
2.0
TA = +25°C
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
80
60
CS to SCLK Hold Time
(Note 10)
tCSH
0
ns
DIN to SCLK Setup Time
(Note 10)
tDS
100
ns
DIN to SCLK Hold Time
(Note 10)
tDH
0
ns
100
60
80
CS to SCLK Setup Time
(Note 10)
tCSS
100
ns
120
SCLK, XCLK Pulse Width
(Note 10)
tCK
160
ns
035
80
0
100
Data Access Time
(Note 10)
tDA
0
120
ns
0
60
100
0
120
SCLK to DOUT Valid
Delay (Note 10)
tDO
0
140
ns
35
80
Bus Relinquish Time
(Note 10)
tDH
120
ns
MAX11_ BM
MAX11_ _C/E
TA = +25°C
MAX11_ BM
MAX11_ _C/E
CONDITIONS
MAX11_ _C/E
MAX11_ _C/E
MAX11_ BM
TA = +25°C
MAX11_ BM
TA = +25°C
CLOAD = 50pF
TA = +25°C
CLOAD = 50pF
MAX11_ _C/E
TA = +25°C
MAX11_ BM
TA = +25°C
MAX11_ _C/E/M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com