Electronic Components Datasheet Search
  English  ▼

X  

MAX110 Datasheet(PDF) 22 Page - Maxim Integrated Products

Part # MAX110
Description  Low-Cost, 2-Channel, 짹14-Bit Serial ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX110 Datasheet(HTML) 22 Page - Maxim Integrated Products

Back Button MAX110 Datasheet HTML 16Page - Maxim Integrated Products MAX110 Datasheet HTML 17Page - Maxim Integrated Products MAX110 Datasheet HTML 18Page - Maxim Integrated Products MAX110 Datasheet HTML 19Page - Maxim Integrated Products MAX110 Datasheet HTML 20Page - Maxim Integrated Products MAX110 Datasheet HTML 21Page - Maxim Integrated Products MAX110 Datasheet HTML 22Page - Maxim Integrated Products MAX110 Datasheet HTML 23Page - Maxim Integrated Products MAX110 Datasheet HTML 24Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
Low-Cost, 2-Channel, ±14-Bit Serial ADCs
22
______________________________________________________________________________________
TOP VIEW
1
2
3
4
5
6
7
8
20
19
18
17
16
15
14
13
IN1+
REF-
REF+
N.C.
N.C.
VDD
RCSEL
XCLK
IN1-
IN2+
IN2-
VSS (AGND)
GND
N.C.
N.C.
DIN
9
10
12
11
SCLK
BUSY
DOUT
CS
MAX110
MAX111
SSOP
( ) ARE FOR MAX111
____Pin Configurations (continued)
_Ordering Information (continued)
__________________Chip Topography
TRANSISTOR COUNT: 5849
SUBSTRATE CONNECTED TO VDD
VSS
(AGND)
RCSEL
REF+
DOUT
XCLK
0.168"
(4.27mm)
0.121"
(3.07mm)
SCLK BUSY
CS
DIN
VSS
(AGND)
GND
GND
REF- IN1+
IN1- IN2+
IN2-
VDD
VDD
( ) ARE FOR MAX111
±0.05
16 Plastic DIP
-40°C to +85°C
MAX110BEPE
±0.05
±0.05
±0.03
±0.05
±0.03
±0.03
INL(%)
16 CERDIP**
-55°C to +125°C
MAX110BMJE
20 SSOP
-40°C to +85°C
MAX110BEAP
20 SSOP
-40°C to +85°C
MAX110AEAP
16 Wide SO
16 Wide SO
16 Plastic DIP
PIN-PACKAGE
TEMP. RANGE
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
MAX110BEWE
MAX110AEWE
MAX110AEPE
PART
MAX111ACPE
0°C to +70°C
16 Plastic DIP
±0.03
MAX111BCPE
0°C to +70°C
16 Plastic DIP
±0.05
MAX111ACWE
0°C to +70°C
16 Wide SO
±0.03
MAX111BCWE
0°C to +70°C
16 Wide SO
±0.05
MAX111ACAP
0°C to +70°C
20 SSOP
±0.03
MAX111BCAP
0°C to +70°C
20 SSOP
±0.05
MAX111BC/D
0°C to +70°C
Dice*
±0.05
MAX111AEPE
-40°C to +85°C
16 Plastic DIP
±0.03
MAX111BEPE
-40°C to +85°C
16 Plastic DIP
±0.05
MAX111AEWE
-40°C to +85°C
16 Wide SO
±0.03
MAX111BEWE
-40°C to +85°C
16 Wide SO
±0.05
MAX111AEAP
-40°C to +85°C
20 SSOP
±0.03
MAX111BEAP
-40°C to +85°C
20 SSOP
±0.05
MAX111BMJE
-55°C to +125°C
16 CERDIP**
±0.05
*
Contact factory for dice specifications.
**
Contact factory for availability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com