Electronic Components Datasheet Search
  English  ▼

X  

MAX110 Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # MAX110
Description  Low-Cost, 2-Channel, 짹14-Bit Serial ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX110 Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button MAX110 Datasheet HTML 15Page - Maxim Integrated Products MAX110 Datasheet HTML 16Page - Maxim Integrated Products MAX110 Datasheet HTML 17Page - Maxim Integrated Products MAX110 Datasheet HTML 18Page - Maxim Integrated Products MAX110 Datasheet HTML 19Page - Maxim Integrated Products MAX110 Datasheet HTML 20Page - Maxim Integrated Products MAX110 Datasheet HTML 21Page - Maxim Integrated Products MAX110 Datasheet HTML 22Page - Maxim Integrated Products MAX110 Datasheet HTML 23Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Low-Cost, 2-Channel, ±14-Bit Serial ADCs
______________________________________________________________________________________
19
A 100ms conversion time cannot be achieved with either
10,240 CCPC or 20,480 CCPC modes because fOSC
would be below the minimum 250kHz requirement.
When the gain calibration is performed, the conversion
times change approximately 1% to compensate for the
modulator’s gain error. This slightly degrades the line-
frequency rejection, because the corrected conversion
time is no longer an exact multiple of the line frequency.
Typically, the rejection of 50Hz/60Hz from the converter
is 55dB; i.e., if there is 100mV injection at the reference
or the analog input pin, it will cause an uncertainty of
±0.006%. If the system has large 50Hz/60Hz noise, the
use of internal auto gain calibration is not recommend-
ed. Instead, gain calibration should be done off-chip,
using numerical computation methods.
If you wish to use a configuration other than those sug-
gested in Table 6, you can accomplish similar 50Hz
and 60Hz line-frequency rejection off-chip by averag-
ing several conversions.
__________Applications Information
Layout, Grounding, Bypassing
For minimal noise, bypass each supply to GND with a
0.1µF capacitor. A ground plane should also be placed
under the analog circuitry. To minimize the coupling
effects of stray capacitance, keep digital lines as far
from analog components and lines as possible. Figure
10 shows the suggested power-supply and ground-
plane connections.
*R = 10
Ω
*OPTIONAL
DIGITAL
CIRCUITRY
POWER
SUPPLIES
VDD
VSS
+5V
DGND
+5V
-5V
GND
GND
4.7
µF
0.1
µF
0.1
µF
4.7
µF
MAX110
Figure 10a. MAX110 Power-Supply Grounding Connections
*R = 10
Ω
*OPTIONAL
DIGITAL
CIRCUITRY
POWER
SUPPLIES
VDD
AGND
+5V
DGND
+5V
GND
GND
4.7
µF
0.1
µF
MAX111
Figure 10b. MAX111 Power-Supply Grounding Connections
CCPC = Clock Cycles per Conversion
Table 6. Suggested XCLK Frequencies to Achieve Maximum Rejection of Both 50Hz/60Hz Line
Frequencies
MAX111 (tCONVERT = 200ms)
81,240 CCPC
102,400 CCPC
DIVIDER
RATIO
fXCLK
(MHz)
RELATIVE
ACCURACY
(%)
fXCLK
(MHz)
RELATIVE
ACCURACY
(%)
1:1
0.4062
0.030
0.512
0.030
2:1
0.8124
0.025
1.024
0.025
4:1
1.6248
0.022
2.048
0.023
MAX110 (tCONVERT = 100ms)
81,240 CCPC
102,400 CCPC
DIVIDER
RATIO
fXCLK
(MHz)
RELATIVE
ACCURACY
(%)
fXCLK
(MHz)
RELATIVE
ACCURACY
(%)
1:1
0.8124
0.025
1.024
0.065
2:1
1.6248
0.018
2.048
0.045
4:1
3.2496
0.016
4.096
0.030



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com