Electronic Components Datasheet Search
  English  ▼

X  

MAX110 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX110
Description  Low-Cost, 2-Channel, 짹14-Bit Serial ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX110 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX110 Datasheet HTML 1Page - Maxim Integrated Products MAX110 Datasheet HTML 2Page - Maxim Integrated Products MAX110 Datasheet HTML 3Page - Maxim Integrated Products MAX110 Datasheet HTML 4Page - Maxim Integrated Products MAX110 Datasheet HTML 5Page - Maxim Integrated Products MAX110 Datasheet HTML 6Page - Maxim Integrated Products MAX110 Datasheet HTML 7Page - Maxim Integrated Products MAX110 Datasheet HTML 8Page - Maxim Integrated Products MAX110 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Low-Cost, 2-Channel, ±14-Bit Serial ADCs
________________________________________________________________
Maxim Integrated Products
1
General Description
The MAX110/MAX111 analog-to-digital converters
(ADCs) use an internal auto-calibration technique to
achieve 14-bit resolution plus overrange, with no exter-
nal components. Operating supply current is only
550µA (MAX110) and reduces to 4µA in power-down
mode, making these ADCs ideal for high-resolution bat-
tery-powered or remote-sensing applications. A fast
serial interface simplifies signal routing and opto-isola-
tion, saves microcontroller pins, and offers compatibility
with SPI™, QSPI™, and MICROWIRE™. The MAX110
operates with ±5V supplies, and converts differential
analog signals in the -3V to +3V range. The MAX111
operates with a single +5V supply and converts differ-
ential analog signals in the ±1.5V range, or single-
ended signals in the 0V to +1.5V range.
Internal calibration allows for both offset and gain-error
correction under microprocessor (µP) control. Both
devices are available in space-saving 16-pin DIP and
SO packages, as well as an even smaller 20-pin SSOP
package.
________________________Applications
Process Control
Weigh Scales
Panel Meters
Data-Acquisition Systems
Temperature Measurement
____________________________Features
o Single +5V Supply (MAX111)
o Two Differential Input Channels
o 14-Bit Resolution Plus Sign and Overrange
o 0.03% Linearity (MAX110)
0.05% Linearity (MAX111)
o Low Power Consumption:
550µA (MAX110)
640µA (MAX111)
4µA Shutdown Current
o Up to 50 Conversions/sec
o 50Hz/60Hz Rejection
o Auto-Calibration Mode
o No External Components Required
o 16-Pin DIP/SO, 20-Pin SSOP
Ordering Information
19-0283; Rev 5; 11/98
Typical Operating Circuit
Pin Configurations
IN1+
IN1-
REF+
REF-
CS
RCSEL
SCLK
DIN
DOUT
IN2+
IN2-
VDD
+5V
-5V (0V)
FROM
µC
MAX110
MAX111
( ) ARE FOR MAX111
VSS
(AGND)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
IN1+
REF-
REF+
VDD
RCSEL
XCLK
SCLK
BUSY
IN1-
IN2+
IN2-
VSS (AGND)
GND
DIN
DOUT
CS
TOP VIEW
MAX110
MAX111
DIP/SO
( ) ARE FOR MAX111
PART
MAX110ACPE
MAX110BCPE
MAX110ACWE
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
16 Plastic DIP
16 Plastic DIP
16 Wide SO
MAX110BCWE
0°C to +70°C
16 Wide SO
MAX110ACAP
0°C to +70°C
20 SSOP
MAX110BCAP
0°C to +70°C
20 SSOP
EVALUATION
KIT
AVAILABLE
MAX110BC/D
0°C to +70°C
Dice*
Ordering Information continued at end of data sheet.
*
Contact factory for dice specifications.
SPI and QSPI are trademarks of Motorola, Inc. MICROWIRE is a trademark of National Semiconductor Corp.
Pin Configurations continued at end of data sheet.
INL(%)
±0.03
±0.05
±0.03
±0.05
±0.03
±0.05
±0.05
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.


Similar Part No. - MAX110

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX110 MAXIM-MAX110 Datasheet
685Kb / 19P
Convenient Test Points Provided On-Board
Rev 1a; 8/05
MAX11008 MAXIM-MAX11008 Datasheet
708Kb / 67P
Dual RF LDMOS Bias Controller with Nonvolatile Memory
Rev 0; 11/08
MAX11008 MAXIM-MAX11008 Datasheet
379Kb / 15P
Lead(Pb)-Free and RoHS Compliant
Rev 0; 1/09
MAX11008BETM+ MAXIM-MAX11008BETM+ Datasheet
708Kb / 67P
Dual RF LDMOS Bias Controller with Nonvolatile Memory
Rev 0; 11/08
MAX11008EVC16 MAXIM-MAX11008EVC16 Datasheet
379Kb / 15P
Lead(Pb)-Free and RoHS Compliant
Rev 0; 1/09
More results

Similar Description - MAX110

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1036 MAXIM-MAX1036 Datasheet
427Kb / 22P
2.7V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs
19-2442; Rev 1; 10/02
MAX1108 MAXIM-MAX1108 Datasheet
185Kb / 20P
Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
19-1399; Rev 0; 10/98
MAX186 MAXIM-MAX186 Datasheet
245Kb / 24P
Low-Power, 8-Channel, Serial 12-Bit ADCs
Rev. 4; 8/96
MAX187 MAXIM-MAX187 Datasheet
177Kb / 20P
5V, Low-Power, 12-Bit Serial ADCs
19-0196; Rev 0; 10/93
MAX1117 MAXIM-MAX1117 Datasheet
406Kb / 14P
Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
MAX157 MAXIM-MAX157 Datasheet
238Kb / 16P
2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin UMAX
Rev 0; 11/98
MAX1108 MAXIM-MAX1108_03 Datasheet
326Kb / 20P
Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
Rev 1; 6/03
MAX144 MAXIM-MAX144_05 Datasheet
969Kb / 16P
2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin μMAX
Rev 2; 10/05
MAX186 MAXIM-MAX186_V01 Datasheet
394Kb / 25P
Low-Power, 8-Channel, Serial 12-Bit ADCs
2012
MAX187 MAXIM-MAX187_V01 Datasheet
459Kb / 18P
5V, Low-Power, 12-Bit Serial ADCs
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com