Electronic Components Datasheet Search
  English  ▼

X  

MAX110 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX110
Description  Low-Cost, 2-Channel, 짹14-Bit Serial ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX110 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX110 Datasheet HTML 1Page - Maxim Integrated Products MAX110 Datasheet HTML 2Page - Maxim Integrated Products MAX110 Datasheet HTML 3Page - Maxim Integrated Products MAX110 Datasheet HTML 4Page - Maxim Integrated Products MAX110 Datasheet HTML 5Page - Maxim Integrated Products MAX110 Datasheet HTML 6Page - Maxim Integrated Products MAX110 Datasheet HTML 7Page - Maxim Integrated Products MAX110 Datasheet HTML 8Page - Maxim Integrated Products MAX110 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Low-Cost, 2-Channel, ±14-Bit Serial ADCs
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS—MAX111 (continued)
(VDD = 5V ±5%, fXCLK = 1MHz, ÷ 2 mode (DV2 = 1), 81,920 CLK cycles/conv, VREF+ = 1.5V, VREF- = 0V, TA = TMIN to TMAX,
unless otherwise noted. Typical values are at TA = +25°C.)
V
V
V
4.75
5.25
VDD
Positive Supply Voltage
0.4
ms
VOL
0.8
VIL
204.80
Output Low Voltage
µA
Input Low Voltage
640
1200
tCONV
Synchronous Conversion
Time (Note 7)
102,400 clock-cycles/conversion
XCLK, ISINK = 200µA
pF
10
Reference Input
Capacitance
MHz
0.25
1.25
nA
fOSC
Oversampling Clock
Frequency
(Note 8)
V
2.4
VIH
Input High Voltage
(Note 3)
V
0
1.5
VREF
960
IDD
Supply Current
VDD = 5.25V
Differential Reference
Input Voltage Range
Performance guaranteed by supply rejection test
500
IREF+,
IREF-
Reference Input Current
pF
10
VREF+ = 1.5V, VREF- = 0V
0.4
V
0VDD - 3.2
VREF+,
VREF-
VDD - 0.5
VOH
Output High Voltage
Input Capacitance
Absolute Reference Input
Voltage Range
V
VDD - 0.5
fXCLK = 500kHz,
continuous-conversion mode
µA
±1
XCLK, VDD = 4.75V, ISOURCE = 200µA
20.48
410
IDD
ILKG
Input Leakage Current
XCLK unloaded,
continuous-conversion mode, RC
oscillator operational (Note 9)
(Note 3)
µA
±1
ILKG
Leakage Current
pF
10
Output Capacitance
µA
Digital inputs at 0V or 5V
Power-Down Current
DOUT, BUSY, VDD = 4.75V, ISOURCE = 1.0mA
VDD = 5.25V, VXCLK = 0V, PD = 1
VOUT = 5V or 0V
(Note 3)
10,240 clock-cycles/conversion
DOUT, BUSY, ISINK = 1.6mA
CONDITIONS
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
CONVERSION TIME
DIGITAL OUTPUTS (DOUT, BUSY, and XCLK when RCSEL = VDD)
POWER REQUIREMENTS (all digital inputs at 0V or 5V)
REFERENCE INPUTS
DIGITAL INPUTS (CS, SCLK, DIN, and XCLK when RCSEL = 0V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com