Electronic Components Datasheet Search
  English  ▼

X  

MAX1106 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1106
Description  Single-Supply, Low-Power, Serial 8-Bit ADCs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1106 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1106 Datasheet HTML 4Page - Maxim Integrated Products MAX1106 Datasheet HTML 5Page - Maxim Integrated Products MAX1106 Datasheet HTML 6Page - Maxim Integrated Products MAX1106 Datasheet HTML 7Page - Maxim Integrated Products MAX1106 Datasheet HTML 8Page - Maxim Integrated Products MAX1106 Datasheet HTML 9Page - Maxim Integrated Products MAX1106 Datasheet HTML 10Page - Maxim Integrated Products MAX1106 Datasheet HTML 11Page - Maxim Integrated Products MAX1106 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Single-Supply, Low-Power,
Serial 8-Bit ADCs
8
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VDD = +3.0V (MAX1106), VDD = +5.0V (MAX1107); fSCLK = 2MHz; 25ksps conversion rate; external reference; 1µF at REFOUT;
TA = +25°C; unless otherwise noted.)
0.5
-0.5
2.5
5.5
OFFSET ERROR vs. SUPPLY VOLTAGE
-0.3
-0.4
0.4
0.3
SUPPLY VOLTAGE (V)
3.0
3.5
4.0
4.5
5.0
0.2
0.1
0
-0.1
-0.2
0.5
-0.5
-40
100
OFFSET ERROR vs. TEMPERATURE
-0.3
-0.4
0.4
0.3
TEMPERATURE (°C)
-20
0
20
406080
0.2
0.1
0
-0.1
-0.2
0.20
-0.20
0
5.0
OFFSET ERROR vs. REFERENCE VOLTAGE
-0.10
-0.15
0.15
0.10
REFERENCE VOLTAGE (V)
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5
0.05
0
-0.05
0.5
-0.5
2.5
5.5
GAIN ERROR vs. SUPPLY VOLTAGE
-0.3
-0.4
0.4
0.3
SUPPLY VOLTAGE (V)
3.0
3.5
4.0
4.5
5.0
0.2
0.1
0
-0.1
-0.2
0.3
-0.3
2.5
5.5
INTEGRAL NONLINEARITY
vs. SUPPLY VOLTAGE
-0.1
-0.2
0.2
SUPPLY VOLTAGE (V)
3.0
3.5
4.0
4.5
5.0
0.1
0
1.0
-1.0
-40
100
GAIN ERROR vs. TEMPERATURE
-0.6
-0.8
0.8
0.6
TEMPERATURE (°C)
-20
0
20
406080
0.4
0.2
0
-0.2
-0.4
1.0
-1.0
0
5.0
GAIN ERROR vs. REFERENCE VOLTAGE
-0.4
-0.6
-0.8
0.8
0.6
REFERENCE VOLTAGE (V)
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5
0.4
0
0.2
-0.2
0.5
-0.5
0
300
DIFFERENTIAL NONLINEARITY
vs. DIGITAL CODE
-0.1
0
-0.3
-0.4
-0.2
0.4
0.3
DIGITAL CODE
50
100
150
200
250
0.1
0.2
0.5
-0.5
2.5
5.5
DIFFERENTIAL NONLINEARITY
vs. SUPPLY VOLTAGE
-0.2
-0.3
-0.4
0.4
0.3
SUPPLY VOLTAGE (V)
3.0
3.5
4.0
4.5
5.0
0.2
0.1
0
-0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com