Electronic Components Datasheet Search
  English  ▼

X  

MAX1106 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1106
Description  Single-Supply, Low-Power, Serial 8-Bit ADCs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1106 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1106 Datasheet HTML 3Page - Maxim Integrated Products MAX1106 Datasheet HTML 4Page - Maxim Integrated Products MAX1106 Datasheet HTML 5Page - Maxim Integrated Products MAX1106 Datasheet HTML 6Page - Maxim Integrated Products MAX1106 Datasheet HTML 7Page - Maxim Integrated Products MAX1106 Datasheet HTML 8Page - Maxim Integrated Products MAX1106 Datasheet HTML 9Page - Maxim Integrated Products MAX1106 Datasheet HTML 10Page - Maxim Integrated Products MAX1106 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Single-Supply, Low-Power,
Serial 8-Bit ADCs
_______________________________________________________________________________________
7
ELECTRICAL CHARACTERISTICS—MAX1107 (continued)
(VDD = +4.5V to +5.5V; IN- = GND; fSCLK = 2MHz; 25ksps conversion rate; 1µF capacitor at REFOUT; external +4.096V reference at
REFIN; TA = TMIN to TMAX; unless otherwise noted. Typical values are at TA = +25°C.)
CONDITIONS
External reference
Figure 2, CLOAD = 100pF
Internal reference (Note 9)
µs
20
ns
240
tSHDN
SHDN Fall to Output Disable
ms
12
tWAKE
Wake-Up Time
Figure 2, CLOAD = 100pF
ns
240
tTR
SCLK Low to Output Disable
ns
200
tCL
SCLK Pulse Width Low
ns
100
tSCC
SCLK Low to CONVST Rise
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Note 1: Relative accuracy is the deviation of the analog value at any code from its theoretical value after the full-scale range has
been calibrated.
Note 2: See
Typical Operating Characteristics.
Note 3: VREFOUT = +2.048V (MAX1106), VREFOUT = +4.096V (MAX1107), offset nulled.
Note 4: Common-mode range (IN+, IN-) GND to VDD.
Note 5: REFOUT supplies typically 2.5mA under normal operating conditions.
Note 6: External load should not change during the conversion for specified accuracy.
Note 7: Power consumption with CMOS levels.
Note 8: Measured as
 VFS(2.7V) - VFS(3.6V) for MAX1106, and measured as  VFS(4.5V) - VFS(5.5V) for MAX1107.
Note 9: 1µF at REFOUT, internal reference settling to 0.5LSB.
Typical Operating Characteristics
(VDD = +3.0V (MAX1106), VDD = +5.0V (MAX1107); fSCLK = 2MHz; 25ksps conversion rate; external reference; 1µF at REFOUT;
TA = +25°C; unless otherwise noted.)
200
50
2.5
5.5
SUPPLY CURRENT vs. SUPPLY VOLTAGE
75
175
SUPPLY VOLTAGE (V)
3.0
3.5
4.0
4.5
5.0
150
125
100
CLOAD = 10pF
DOUT = 10101010
CLOAD = 10pF
DOUT = 11111111
CLOAD = 47pF
DOUT = 10101010
MAX1106 (VDD = 2.7V TO 5.5V)
MAX1107 (VDD = 4.5V TO 5.5V)
INTERNAL REFERENCE
200
50
-40
100
SUPPLY CURRENT vs. TEMPERATURE
75
175
TEMPERATURE (°C)
-20
0
20
406080
150
125
100
DOUT = 10101010
CLOAD = 10pF
INTERNAL REFERENCE
MAX1107, VDD = 5.0V
MAX1106, VDD = 3.0V
0.50
0
2.5
5.5
SHUTDOWN SUPPLY CURRENT
vs. SUPPLY VOLTAGE
0.10
0.05
0.45
0.40
SUPPLY VOLTAGE (V)
3.0
3.5
4.0
4.5
5.0
0.35
0.30
0.25
0.20
0.15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com