Electronic Components Datasheet Search
  English  ▼

X  

MAX1106 Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX1106
Description  Single-Supply, Low-Power, Serial 8-Bit ADCs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1106 Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX1106 Datasheet HTML 8Page - Maxim Integrated Products MAX1106 Datasheet HTML 9Page - Maxim Integrated Products MAX1106 Datasheet HTML 10Page - Maxim Integrated Products MAX1106 Datasheet HTML 11Page - Maxim Integrated Products MAX1106 Datasheet HTML 12Page - Maxim Integrated Products MAX1106 Datasheet HTML 13Page - Maxim Integrated Products MAX1106 Datasheet HTML 14Page - Maxim Integrated Products MAX1106 Datasheet HTML 15Page - Maxim Integrated Products MAX1106 Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Single-Supply, Low-Power,
Serial 8-Bit ADCs
______________________________________________________________________________________
15
Layout, Grounding, and Bypassing
For best performance, use printed circuit boards. Wire-
wrap boards are not recommended. Board layout
should ensure that digital and analog signal lines are
separated from each other. Do not run analog and digi-
tal (especially clock) lines parallel to one another or run
digital lines underneath the ADC package.
Figure 10 shows the recommended system-ground
connections. A single-point analog ground (star-ground
point) should be established at the A/D ground.
Connect all analog grounds to the star ground. No digi-
tal-system ground should be connected to this point.
The ground return to the power supply for the star
ground should be low impedance and as short as pos-
sible for noise-free operation.
High-frequency noise in the VDD power supply may
affect the comparator in the ADC. Bypass the supply to
the star ground with 0.1µF and 1µF capacitors close to
the VDD pin of the MAX1106/MAX1107. Minimize
capacitor lead lengths for best supply-noise rejection. If
the power supply is very noisy, a 10
Ω resistor can be
connected to form a lowpass filter.
GND
+3V/+5V
SYSTEM POWER SUPPLIES
VDD
DGND
VDD
IN-
1
µF
10
Ω
0.1
µF
GND
DIGITAL
CIRCUITRY
MAX1106
MAX1107
Figure 10. Power-Supply Connections
Chip Information
TRANSISTOR COUNT: 2373



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com