Electronic Components Datasheet Search
  English  ▼

X  

MAX1106 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1106
Description  Single-Supply, Low-Power, Serial 8-Bit ADCs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1106 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1106 Datasheet HTML 5Page - Maxim Integrated Products MAX1106 Datasheet HTML 6Page - Maxim Integrated Products MAX1106 Datasheet HTML 7Page - Maxim Integrated Products MAX1106 Datasheet HTML 8Page - Maxim Integrated Products MAX1106 Datasheet HTML 9Page - Maxim Integrated Products MAX1106 Datasheet HTML 10Page - Maxim Integrated Products MAX1106 Datasheet HTML 11Page - Maxim Integrated Products MAX1106 Datasheet HTML 12Page - Maxim Integrated Products MAX1106 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Single-Supply, Low-Power,
Serial 8-Bit ADCs
_______________________________________________________________________________________
9
0.5
-0.5
0
300
INTEGRAL NONLINEARITY
vs. DIGITAL CODE
-0.1
0
-0.3
-0.4
-0.2
0.4
0.3
DIGITAL CODE
50
100
150
200
250
0.1
0.2
20
-100
014
FFT PLOT
-60
-80
0
FREQUENCY (kHz)
24
68
10
12
-20
-40
fIN+ = 10.34kHz, 2Vp-p
fSAMPLE = 25088Hz
21.5
18.5
06
CONVERSION TIME vs. SUPPLY VOLTAGE
19.5
19.0
21.0
SUPPLY VOLTAGE (V)
12
3
4
5
20.5
20.0
Typical Operating Characteristics (continued)
(VDD = +3.0V (MAX1106), VDD = +5.0V (MAX1107); fSCLK = 2MHz; 25ksps conversion rate; external reference; 1µF at REFOUT;
TA = +25°C; unless otherwise noted.)
Pin Description
Positive Analog Input. Sampled. Input range from GND to VDD.
IN+
2
Ground.
GND
4
Negative Analog Input. Input range from GND to VDD.
IN-
3
Reference Voltage Input. Reference voltage for analog-to-digital conversion. Connect REFOUT to REFIN
for internal reference. Input range from 1V to VDD.
REFIN
6
Active-Low Shutdown. Connect to VDD for normal operation.
SHDN
8
Conversion Start Input. Toggle CONVST high for 1µs minimum and then low to start internal conversion.
Data is not clocked out unless CONVST is low.
CONVST
7
Internal Reference Output. Bypass with 1µF to ground. 2.048V for MAX1106, 4.096V for MAX1107.
REFOUT
5
Serial Data Output. Data is clocked out on the falling edge of SCLK. DOUT is high impedance in shutdown
or after all data is clocked out.
DOUT
9
PIN
Positive Supply Voltage
VDD
1
FUNCTION
NAME
25
15
-40
100
CONVERSION TIME vs. TEMPERATURE
18
17
16
24
23
TEMPERATURE (°C)
-20
0
20
40
60
80
22
21
20
19
VDD = 3V
VDD = 5V
1.0010
0.9980
-40
100
NORMALIZED REFERENCE VOLTAGE
vs. TEMPERATURE
0.9990
0.9985
1.0005
TEMPERATURE (°C)
-20
0
20
40
60
80
1.0000
0.9995
Serial Clock Input. Clocks data out of serial interface.
SCLK
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com