Electronic Components Datasheet Search
  English  ▼

X  

MAX1106 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1106
Description  Single-Supply, Low-Power, Serial 8-Bit ADCs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1106 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1106 Datasheet HTML 2Page - Maxim Integrated Products MAX1106 Datasheet HTML 3Page - Maxim Integrated Products MAX1106 Datasheet HTML 4Page - Maxim Integrated Products MAX1106 Datasheet HTML 5Page - Maxim Integrated Products MAX1106 Datasheet HTML 6Page - Maxim Integrated Products MAX1106 Datasheet HTML 7Page - Maxim Integrated Products MAX1106 Datasheet HTML 8Page - Maxim Integrated Products MAX1106 Datasheet HTML 9Page - Maxim Integrated Products MAX1106 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Single-Supply, Low-Power,
Serial 8-Bit ADCs
6
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—MAX1107 (continued)
(VDD = +4.5V to +5.5V; IN- = GND; fSCLK = 2MHz; 25ksps conversion rate; 1µF capacitor at REFOUT; external +4.096V reference at
REFIN; TA = TMIN to TMAX; unless otherwise noted. Typical values are at TA = +25°C.)
Figure 6, DOUT High-Z
Figure 6, DOUT High-Z
pF
15
COUT
Three-State Output Capacitance
µA
±0.01
±10
IL
Three-State Leakage Current
Figure 1, CLOAD = 100pF
Figure 1, CLOAD = 100pF
ns
20
200
tDO
SCLK Fall to Output Data Valid
ns
CONDITIONS
240
tDV
CONVST Rise to Output Enable
ns
200
tCH
SCLK Pulse Width High
µs
1
tCSPW
CONVST Pulse Width High
µs
1
tACQ
Acquisition Time
µs
35
tCONV
CONVST Fall to Output Data
Valid
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
ISINK = 5mA
ISINK = 16mA
0.4
V
4.5
5
5.5
VDD
Supply Voltage
V
0.8
VOL
Output Low Voltage
VDD = 5.5V, CL = 10pF,
full-scale input
115
250
Power down, VDD = 4.5V to 5.5V
0.5
2.5
External reference = 4.096V,
full-scale input, VDD = 4.5V to 5.5V
mV
±0.4
±4
PSR
Power-Supply Rejection (Note 8)
V
0.2
VHYST
Input Hysteresis
V
0.8
VIL
Threshold Voltage Low
V
3
VIH
Threshold Voltage High
µA
±1
IIH
Input Current High
pF
15
CIN
Input Capacitance
ISOURCE = 0.5mA
V
VDD - 0.5
VOH
Output High Voltage
µA
±1
IIL
Input Current Low
µA
IDD
Supply Current (Notes 2, 7)
4.096V at REFIN, full scale
µA
120
Input Current
V
1.0
VDD + 0.05
VREFIN
Input Voltage Range
EXTERNAL REFERENCE
DIGITAL INPUTS (SHDN, SCLK, and CONVST)
DIGITAL OUTPUT (DOUT)
TIMING CHARACTERISTICS (Figures 6 and 7)
POWER REQUIREMENTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com