Electronic Components Datasheet Search
  English  ▼

X  

MAX1106 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX1106
Description  Single-Supply, Low-Power, Serial 8-Bit ADCs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1106 Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX1106 Datasheet HTML 8Page - Maxim Integrated Products MAX1106 Datasheet HTML 9Page - Maxim Integrated Products MAX1106 Datasheet HTML 10Page - Maxim Integrated Products MAX1106 Datasheet HTML 11Page - Maxim Integrated Products MAX1106 Datasheet HTML 12Page - Maxim Integrated Products MAX1106 Datasheet HTML 13Page - Maxim Integrated Products MAX1106 Datasheet HTML 14Page - Maxim Integrated Products MAX1106 Datasheet HTML 15Page - Maxim Integrated Products MAX1106 Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Starting SCLK before conversion is complete corrupts
the conversion in progress, and the data clocked out at
DOUT does not represent the input signal. Bringing
CONVST high at anytime during a conversion or while
the data is clocked out will result in an incorrect conver-
sion. A new conversion can be restarted only if all eight
data bits of conversion have been clocked out. Toggle
CONVST after all data is clocked out to restart a new
conversion.
SHDN is used to place the MAX1106/MAX1107 in low-
power mode (see
Power-Down section). In this mode
DOUT is high impedance and any conversion in
progress is stopped immediately. If a conversion is
stopped by SHDN going low, the device must be reset
by waiting 35µs and clearing the output register with
eight SCLKs before the next conversion.
How to Perform a Conversion
The MAX1106/MAX1107 converts an input signal using
the internal clock. This frees the µP from the burden of
running the SAR conversion clock, and allows the con-
version results to be read back at the µP’s convenience
at any clock rate up to 2MHz.
Figures 6 and 7 show the serial interface timing charac-
teristics. CONVST idles low. Toggle CONVST high for at
least 1µs to perform the autozero adjustment. After
CONVST goes low, conversion starts immediately.
Allow 35µs for the internal conversion to complete and
issue the MSB of the conversion at DOUT. CONVST
needs to be held low once a conversion is started,
while SCLK should remain low during conversion for
best noise performance. An internal register stores data
when the conversion is in progress. SCLK clocks the
CONVST
SCLK
1
µs
(MIN)
HIGH-Z
HIGH-Z
DOUT
18
100
µs (MAX)
D7
MSB
LSB
D6
D5
D4
D3
D2
D1
D0
tCONV = 35µs (MAX)
CONVERSION
ACQUISITION
tCSPW
A/D STATE
ACQ
Figure 6. Conversion Timing Diagram
Single-Supply, Low-Power,
Serial 8-Bit ADCs
12
______________________________________________________________________________________
CONVST
SCLK
DOUT
I/O
SCK
MISO
+3V
SS
a) SPI
CONVST
CONVST
SCLK
DOUT
CS
SCK
MISO
+3V
SS
b) QSPI
MAX1106
MAX1107
MAX1106
MAX1107
MAX1106
MAX1107
SCLK
DOUT
I/O
SK
SI
c) MICROWIRE
Figure 5. Common Serial-Interface Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com