Electronic Components Datasheet Search
  English  ▼

X  

MAX113 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX113
Description  3V, 400ksps, 4/8-Channel, 8-Bit ADCs with 1UA Power-Down
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX113 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX113 Datasheet HTML 1Page - Maxim Integrated Products MAX113 Datasheet HTML 2Page - Maxim Integrated Products MAX113 Datasheet HTML 3Page - Maxim Integrated Products MAX113 Datasheet HTML 4Page - Maxim Integrated Products MAX113 Datasheet HTML 5Page - Maxim Integrated Products MAX113 Datasheet HTML 6Page - Maxim Integrated Products MAX113 Datasheet HTML 7Page - Maxim Integrated Products MAX113 Datasheet HTML 8Page - Maxim Integrated Products MAX113 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
_______________General Description
The MAX113/MAX117 are microprocessor-compatible,
8-bit, 4-channel and 8-channel analog-to-digital con-
verters (ADCs). They operate from a single +3V supply
and use a half-flash technique to achieve a 1.8µs con-
version time (400ksps). A power-down pin (
PWRDN)
reduces current consumption to 1µA typical. The
devices return from power-down mode to normal oper-
ating mode in less than 900ns, allowing large supply-
current reductions in burst-mode applications. (In burst
mode, the ADC wakes up from a low-power state at
specified intervals to sample the analog input signals.)
Both converters include a track/hold, enabling the ADC
to digitize fast analog signals.
Microprocessor (µP) interfaces are simplified because
the ADC can appear as a memory location or I/O port
without external interface logic. The data outputs use
latched, three-state buffer circuitry for direct connection
to an 8-bit parallel µP data bus or system input port.
The MAX113/MAX117 input/reference configuration
enables ratiometric operation.
The 4-channel MAX113 is available in a 24-pin DIP or
SSOP. The 8-channel MAX117 is available in a 28-pin
DIP or SSOP. For +5V applications, refer to the
MAX114/MAX118 data sheet.
________________________Applications
Battery-Powered Systems
Portable Equipment
System-Health Monitoring
Remote Data Acquisition
Communications Systems
____________________________Features
o +3.0V to +3.6V Single-Supply Operation
o 4 (MAX113) or 8 (MAX117) Analog Input Channels
o Low Power: 1.5mA (operating mode)
1µA (power-down mode)
o Total Unadjusted Error
≤ 1LSB
o Fast Conversion Time: 1.8µs per Channel
o No External Clock Required
o Internal Track/Hold
o Ratiometric Reference Inputs
o Internally Connected 8th Channel Monitors
Reference Voltage (MAX117)
+3V, 400ksps, 4/8-Channel,
8-Bit ADCs with 1µA Power-Down
________________________________________________________________
Maxim Integrated Products
1
4-BIT
DAC
4-BIT
FLASH
ADC
(4MSBs)
4-BIT
FLASH
ADC
(4LSBs)
TIMING AND
CONTROL
ADDRESS
LATCH
DECODE
REF+
16
THREE-
STATE
OUTPUT
DRIVERS
D7
D6
D5
D4
D3
D2
D1
D0
MUX
*IN7
*IN8
Σ
REF+
*IN6
*IN5
IN4
IN3
IN2
IN1
A0
A1
A2
REF-
PWRDN
RD
MODE
INT
WR/RDY
CS
MAX113/MAX117
*MAX117 ONLY
_________________________________________________________Functional Diagram
19-1081; Rev 1; 8/96
PART
MAX113CNG
MAX113CAG
MAX113C/D
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
24 Narrow Plastic DIP
24 SSOP
Dice*
______________Ordering Information
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800
MAX113ENG
MAX113EAG
MAX113MRG
-55°C to +125°C
-40°C to +85°C
-40°C to +85°C
24 Narrow Plastic DIP
24 SSOP
24 Narrow CERDIP**
Ordering Information continued at end of data sheet.
*Dice are specified at TA = +25°C, DC parameters only.
**Contact factory for availability.
Pin Configuration appears at end of data sheet.


Similar Part No. - MAX113

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11300 MAXIM-MAX11300 Datasheet
2Mb / 54P
Up to 20 General-Purpose Digital I/Os
Rev 3; 4/16
MAX11300 MAXIM-MAX11300 Datasheet
14Mb / 9P
Internal or External Reference for ADC and DAC
Rev 2; 6/14
MAX11300 MAXIM-MAX11300 Datasheet
8Mb / 32P
Optional 2.5V On-Board Reference (MAX6071)
Rev 1; 1/15
MAX11300 MAXIM-MAX11300 Datasheet
1,004Kb / 59P
MAX11300/MAX11301 PIXI Configuration Software User Guide
Rev 0, 1/15
MAX11300EVKIT MAXIM-MAX11300EVKIT Datasheet
8Mb / 32P
Optional 2.5V On-Board Reference (MAX6071)
Rev 1; 1/15
More results

Similar Description - MAX113

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1090 MAXIM-MAX1090 Datasheet
404Kb / 20P
400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
19-1640; Rev 0; 1/00
MAX114 MAXIM-MAX114 Datasheet
102Kb / 12P
5V, 1Msps, 4 & 8-Channel, 8-Bit ADCs with 1關A Power-Down
19-1083; Rev 1; 8/96
MAX152 MAXIM-MAX152 Datasheet
122Kb / 12P
3V, 8-Bit ADC with 1uA Power-Down
Rev. 1; 12/93
MAX1292 MAXIM-MAX1292 Datasheet
382Kb / 20P
400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
logo
Linear Technology
LTC1852 LINER-LTC1852 Datasheet
247Kb / 24P
8-Channel, 10-Bit/12-Bit, 400ksps, Low Power, Sampling ADCs
LTC1852 LINER-LTC1852_15 Datasheet
245Kb / 24P
8-Channel, 10-Bit/12-Bit, 400ksps, Low Power, Sampling ADCs
LTC1853 LINER-LTC1853_15 Datasheet
245Kb / 24P
8-Channel, 10-Bit/12-Bit, 400ksps, Low Power, Sampling ADCs
logo
Maxim Integrated Produc...
MAX1290 MAXIM-MAX1290 Datasheet
388Kb / 20P
400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-1531; Rev 3; 12/02
MAX1262 MAXIM-MAX1262 Datasheet
386Kb / 20P
400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-2720; Rev 0; 04/03
MAX1090 MAXIM-MAX1090_V01 Datasheet
490Kb / 20P
400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com