Electronic Components Datasheet Search
  English  ▼

X  

MAX113 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX113
Description  3V, 400ksps, 4/8-Channel, 8-Bit ADCs with 1UA Power-Down
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX113 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX113 Datasheet HTML 2Page - Maxim Integrated Products MAX113 Datasheet HTML 3Page - Maxim Integrated Products MAX113 Datasheet HTML 4Page - Maxim Integrated Products MAX113 Datasheet HTML 5Page - Maxim Integrated Products MAX113 Datasheet HTML 6Page - Maxim Integrated Products MAX113 Datasheet HTML 7Page - Maxim Integrated Products MAX113 Datasheet HTML 8Page - Maxim Integrated Products MAX113 Datasheet HTML 9Page - Maxim Integrated Products MAX113 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
+3V, 400ksps, 4/8-Channel,
8-Bit ADCs with 1µA Power-Down
6
_______________________________________________________________________________________
______________________________________________________________Pin Description
Mode Selection Input. Internally pulled low with a 15µA current source. MODE = 0
activates read mode; MODE = 1 activates write-read mode (see
Digital Interface
section).
MODE
5
Analog Input Channel 6
IN6
—
FUNCTION
Three-State Data Outputs
D1, D2, D3
7, 8, 9
Three-State Data Output (LSB)
D0
6
Lower limit of reference span. REF- sets the zero-code voltage. Range is GND
≤
VREF- < VREF+.
REF-
13
Ground
GND
12
Interrupt Output.
INT goes low to indicate end of conversion (see Digital Interface
section).
INT
11
Read Input.
RD must be low to access data (see Digital Interface section).
RD
10
Write-Control Input/Ready-Status Output (see
Digital Interface section)
WR/RDY
15
Upper limit of reference span. REF+ sets the full-scale input voltage. Range is
VREF- < VREF+ ≤ VDD. Internally hardwired to IN8 (Table 1).
REF+
14
Multiplexer Channel Address Input (MSB)
A2
—
Three-State Data Output (MSB)
D7
20
Positive Supply, +3.0V to +3.6V
VDD
24
Power-Down Input.
PWRDN reduces supply current when low.
PWRDN
23
Multiplexer Channel Address Input (LSB)
A0
22
Multiplexer Channel Address Input
A1
21
Analog Input Channel 7
IN7
—
Three-State Data Outputs
D4, D5, D6
17, 18, 19
Chip-Select Input.
CS must be low for the device to recognize WR or RD inputs.
CS
16
9, 10, 11
8
15
14
13
12
17
16
23
22
27
PIN
7
1
26
25
24
28
19, 20, 21
18
MAX113
NAME
MAX117
Analog Input Channel 5
IN5
—
2
Analog Input Channel 1
Analog Input Channel 2
IN2
3
IN1
5
4
6
Analog Input Channel 3
Analog Input Channel 4
IN4
1
IN3
3
2
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com