Electronic Components Datasheet Search
  English  ▼

X  

MAX113 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX113
Description  3V, 400ksps, 4/8-Channel, 8-Bit ADCs with 1UA Power-Down
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX113 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX113 Datasheet HTML 1Page - Maxim Integrated Products MAX113 Datasheet HTML 2Page - Maxim Integrated Products MAX113 Datasheet HTML 3Page - Maxim Integrated Products MAX113 Datasheet HTML 4Page - Maxim Integrated Products MAX113 Datasheet HTML 5Page - Maxim Integrated Products MAX113 Datasheet HTML 6Page - Maxim Integrated Products MAX113 Datasheet HTML 7Page - Maxim Integrated Products MAX113 Datasheet HTML 8Page - Maxim Integrated Products MAX113 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
+3V, 400ksps, 4/8-Channel,
8-Bit ADCs with 1µA Power-Down
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +3V to +3.6V, REF+ = 3V, REF- = GND, Read Mode (MODE = GND), TA = TMIN to TMAX, unless otherwise noted.)
Note 1: Accuracy measurements performed at VDD = +3.0V. Operation over supply range is guaranteed by power-supply rejection test.
Note 2: Guaranteed by design.
Note 3: Power-down current increases if logic inputs are not driven to GND or VDD.
WR
CS, RD, PWRDN, A0, A1, A2
µA
±3
IINH
D0–D7, RDY
D0–D7, RDY, digital outputs = 0V to VDD
ISOURCE = 20µA, INT, D0–D7
ISINK = 400µA, INT, D0–D7
MODE
MODE
ISINK = 20µA, INT, D0–D7
CS, WR, RD, PWRDN, A0, A1, A2
CS, WR, RD, PWRDN, MODE, A0, A1, A2
CS, WR, RD, PWRDN, MODE, A0, A1, A2
CONDITIONS
Input High Current
±1
pF
COUT
µA
ILKG
Three-State Capacitance
(Note 2)
VDD - 0.1
V
0.4
VOL
Output Low Voltage
0.1
pF
58
CIN
Input Capacitance (Note 2)
µA
±1
IINL
Input Low Current
15
100
V
2.4
VINH
Input High Voltage
MODE
2
CS, WR, RD, PWRDN, A0, A1, A2
V
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
0.8
VINL
Input Low Voltage
0.66
2.5
5
V
3.0
3.6
VDD
Supply Voltage
VDD = 3.0V to 3.6V, VREF = 3.0V
CS = RD = VDD, PWRDN = 0V (Note 3)
LSB
±1/16
±1/4
PSR
Power-Supply Rejection
µA
110
Power-Down VDD Current
VDD = 3.6V, CS = RD = 0V,
PWRDN = VDD
2.5
6
MAX11_C
RDY, ISINK = 1mA
0.4
ISOURCE = 400µA, INT, D0–D7
V
VDD - 0.4
VOH
Output High Voltage
1.5
3
VDD = 3.0V, CS = RD = 0V,
PWRDN = VDD
mA
1.5
3.5
IDD
VDD Supply Current
MAX11_E/M
MAX11_C
MAX11_E/M
58
LOGIC INPUTS
LOGIC OUTPUTS
POWER REQUIREMENTS
±3
Three-State Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com