Electronic Components Datasheet Search
  English  ▼

X  

MAX113 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX113
Description  3V, 400ksps, 4/8-Channel, 8-Bit ADCs with 1UA Power-Down
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX113 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX113 Datasheet HTML 1Page - Maxim Integrated Products MAX113 Datasheet HTML 2Page - Maxim Integrated Products MAX113 Datasheet HTML 3Page - Maxim Integrated Products MAX113 Datasheet HTML 4Page - Maxim Integrated Products MAX113 Datasheet HTML 5Page - Maxim Integrated Products MAX113 Datasheet HTML 6Page - Maxim Integrated Products MAX113 Datasheet HTML 7Page - Maxim Integrated Products MAX113 Datasheet HTML 8Page - Maxim Integrated Products MAX113 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
+3V, 400ksps, 4/8-Channel,
8-Bit ADCs with 1µA Power-Down
_______________________________________________________________________________________
5
1.6
0.4
-60
140
CONVERSION TIME
vs. AMBIENT TEMPERATURE
0.6
1.4
TEMPERATURE (°C)
60
1.0
0.8
-20
20
100
1.2
VDD = 3.3V
VDD = 3.6V
VDD = 3.0V
8.0
4.0
1k
10k
100k
EFFECTIVE BITS vs.
INPUT FREQUENCY (WR-RD MODE)
INPUT FREQUENCY (Hz)
1M
7.5
7.0
6.5
6.0
5.5
5.0
4.5
fSAMPLE = 400kHz
VIN = 2.98Vp-p
-100
0
200
SIGNAL-TO-NOISE RATIO
FREQUENCY (kHz)
120
-80
40
80
160
-40
0
-20
-60
fIN = 30.27kHz
VIN = 2.88Vp-p
fSAMPLE = 400ksps
SNR = 48.8dB
1400
800
2.8
4.0
CONVERSION TIME
vs. SUPPLY VOLTAGE
900
1300
SUPPLY VOLTAGE (V)
3.6
1100
1000
3.0
3.4
3.8
1200
3.2
4
5
0
1
AVERAGE POWER CONSUMPTION
vs. SAMPLING RATE USING PWRDN
1
3
SAMPLING RATE (ksps)
1000
2
10
100
5
0
120
160
240
320
TOTAL UNADJUSTED ERROR
vs. POWER-UP TIME
1
4
tUP (ns)
200
280
3
2
VDD = 3.0V
VDD = 3.6V
__________________________________________Typical Operating Characteristics
(VDD = +3V, TA = +25°C, unless otherwise noted.)
VDD = 5.25V
4
0
-60
140
SUPPLY CURRENT vs. TEMPERATURE
(EXCLUDING REFERENCE CURRENT)
1
2
3
TEMPERATURE (°C)
60
100
-20
20
VDD = 3.3V
VDD = 3.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com