Electronic Components Datasheet Search
  English  ▼

X  

MAX113 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX113
Description  3V, 400ksps, 4/8-Channel, 8-Bit ADCs with 1UA Power-Down
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX113 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX113 Datasheet HTML 3Page - Maxim Integrated Products MAX113 Datasheet HTML 4Page - Maxim Integrated Products MAX113 Datasheet HTML 5Page - Maxim Integrated Products MAX113 Datasheet HTML 6Page - Maxim Integrated Products MAX113 Datasheet HTML 7Page - Maxim Integrated Products MAX113 Datasheet HTML 8Page - Maxim Integrated Products MAX113 Datasheet HTML 9Page - Maxim Integrated Products MAX113 Datasheet HTML 10Page - Maxim Integrated Products MAX113 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
+3V, 400ksps, 4/8-Channel,
8-Bit ADCs with 1µA Power-Down
_______________________________________________________________________________________
7
_______________Detailed Description
Converter Operation
The MAX113/MAX117 use a half-flash conversion tech-
nique (see
Functional Diagram) in which two 4-bit flash
ADC sections achieve an 8-bit result. Using 15 com-
parators, the flash ADC compares the unknown input
voltage to the reference ladder and provides the upper
four data bits. An internal digital-to-analog converter
(DAC) uses the four most significant bits (MSBs) to
generate both the analog result from the first flash con-
version and a residue voltage that is the difference
between the unknown input and the DAC voltage. The
residue is then compared again with the flash com-
parators to obtain the lower four data bits (LSBs).
An internal analog multiplexer enables the devices to
read four (MAX113) or eight (MAX117) different analog
voltages under microprocessor (µP) control. One of the
MAX117’s analog channels, IN8, is internally hard-
wired and always reads VREF+ when selected.
Power-Down Mode
In burst-mode or low-sample-rate applications, the
MAX113/MAX117 can be shut down between conver-
sions, reducing supply current to microamp levels (see
Typical Operating Characteristics). A logic low on the
PWRDN pin shuts the devices down, reducing supply
current typically to 1µA when powered from a single
+3V supply. A logic high on
PWRDN wakes up the
MAX113/MAX117, and the selected analog input enters
the track mode. The signal is fully acquired after 900ns
(this includes both the power-up delay and the
track/hold acquisition time), and a new conversion can
be started. If the power-down feature is not required,
connect
PWRDN to VDD. For minimum current con-
sumption, keep digital inputs at the supply rails in
power-down mode. Refer to the
Reference section for
information on reducing the reference current during
power-down.
___________________Digital Interface
The MAX113/MAX117 have two basic interface modes,
which are set by the MODE pin. When MODE is low,
the converters are in read mode; when MODE is high,
the converters are set up for write-read mode. The A0,
A1, and A2 inputs control channel selection, as shown
in Table 1. The address must be valid for a minimum
time, tACQ, before the next conversion starts.
DATA
OUTPUTS
DATA
OUTPUTS
CL
RL = 3k
CL
a) HIGH-Z TO VOH
b) HIGH-Z TO VOL
RL = 3k
VDD
Figure 1. Load Circuits for Data-Access Time Test
DATA
OUTPUTS
10pF
3k
10pF
a) VOH TO HIGH-Z
b) VOL TO HIGH-Z
3k
VDD
DATA
OUTPUTS
Figure 2. Load Circuits for Data-Hold Time Test
Table 1. Truth Table for Input Channel
Selection
MAX113
00
IN1
IN2
01
IN4
IN3
11
10
IN6
IN5
——
IN8
(reads VREF+ if selected)
IN7
——
——
——
00
1
01
1
01
0
10
1
11
1
11
0
10
0
MAX117
00
0
SELECTED CHANNEL
A2
A1
A0
A1
A0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com