Electronic Components Datasheet Search
  English  ▼

X  

MAX113 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX113
Description  3V, 400ksps, 4/8-Channel, 8-Bit ADCs with 1UA Power-Down
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX113 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX113 Datasheet HTML 1Page - Maxim Integrated Products MAX113 Datasheet HTML 2Page - Maxim Integrated Products MAX113 Datasheet HTML 3Page - Maxim Integrated Products MAX113 Datasheet HTML 4Page - Maxim Integrated Products MAX113 Datasheet HTML 5Page - Maxim Integrated Products MAX113 Datasheet HTML 6Page - Maxim Integrated Products MAX113 Datasheet HTML 7Page - Maxim Integrated Products MAX113 Datasheet HTML 8Page - Maxim Integrated Products MAX113 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
+3V, 400ksps, 4/8-Channel,
8-Bit ADCs with 1µA Power-Down
4
_______________________________________________________________________________________
TIMING CHARACTERISTICS
(VDD = +3V, TA = +25°C, unless otherwise noted.) (Note 4)
Note 4: Input control signals are specified with tr = tf = 5ns, 10% to 90% of 3V, and timed from a voltage level of 1.3V. Timing
delays get shorter at higher supply voltages. See the Conversion Time vs. Supply Voltage graph in the
Typical Operating
Characteristics to extrapolate timing delays at other power-supply voltages.
Note 5: See Figure 1 for load circuit. Parameter defined as the time required for the output to cross 0.66V or 2.0V.
Note 6: See Figure 2 for load circuit. Parameter defined as the time required for the data lines to change 0.5V.
Note 7: Also defined as the Minimum Address-Valid to Convert-Start Time.
0.8
10
0.66
10
WR Pulse Width
tWR
0.6
10
µs
700
Minimum
Acquisition Time
tACQ
450
ns
(Note 7)
600
MAX117M
MIN
MAX
MIN
TYP
MAX
PARAMETER
SYMBOL
MIN
MAX
UNITS
CONDITIONS
MAX117C/E
TA = +25°C
ALL GRADES
TA = TMIN to TMAX
250
Data Access Time
(WR-RD Mode)
tACC2
180
ns
tRD > tINTL, CL = 100pF
(Note 5)
220
1.0
600
150
600
400
1.8
70
250
240
Data Access Time
After
INT
tID
Delay Between
WR
and
RD Pulses
tRD
0.8
µs
RD Pulse Width
(WR-RD Mode)
tREAD1
400
ns
100
ns
Multiplexer Address
Hold Time
Data Access Time
(WR-RD Mode)
tACC1
400
ns
RD to INT Delay
tRI
300
ns
WR to INT Delay
tINTL
0.7
1.45
µs
tAH
50
ns
Pipelined mode, CL = 100pF
RD Pulse Width
(WR-RD Mode)
tREAD2
180
ns
WR to INT Delay
tIHWR
180
ns
0.9
500
130
tRD > tINTL, determined by
tACC2
tRD < tINTL, determined by
tACC1
500
tRD < tINTL, CL = 100pF
(Note 5)
340
CL = 50pF
Pipelined mode, CL = 50pF
1.6
60
220
200
150
0
0
140
tCRD +
150
180
130
0
0
120
tCRD +
130
170
Data Hold Time
tDH
100
ns
CS to RD, WR
Setup Time
tCSS
0
ns
CS to RD, WR
Hold Time
tCSH
0
ns
CS to RDY Delay
tRDY
100
ns
(Note 6)
Data Access Time
(RD Mode)
tACC0
tCRD +
100
ns
RD to INT Delay
(RD Mode)
tINTH
100
160
ns
CL = 100pF (Note 5)
CL = 50pF,
RL = 5.1kΩ to VDD
CL = 50pF
2.4
2.06
Conversion Time
(WR-RD Mode)
tCWR
1.8
µs
tRD < tINTL, CL = 100pF
(Note 5)
1.4
1.2
Power-Up Time
tUP
0.9
µs
2.6
2.4
Conversion Time
(RD Mode)
tCRD
2.0
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com