Electronic Components Datasheet Search
  English  ▼

X  

MAX1458C/D Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1458C/D
Description  1%-Accurate, Digitally Trimmed Sensor Signal Conditioner
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1458C/D Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1458C/D Datasheet HTML 5Page - Maxim Integrated Products MAX1458C/D Datasheet HTML 6Page - Maxim Integrated Products MAX1458C/D Datasheet HTML 7Page - Maxim Integrated Products MAX1458C/D Datasheet HTML 8Page - Maxim Integrated Products MAX1458C/D Datasheet HTML 9Page - Maxim Integrated Products MAX1458C/D Datasheet HTML 10Page - Maxim Integrated Products MAX1458C/D Datasheet HTML 11Page - Maxim Integrated Products MAX1458C/D Datasheet HTML 12Page - Maxim Integrated Products MAX1458C/D Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Detailed Description of the Digital Lines
Chip-Select (CS) and Write-Enable (WE)
CS is used to enable OUT, control serial communica-
tion, and force an update of the configuration and DAC
registers.
• A low on CS disables serial communication and
places OUT in a high-impedance state.
• A transition from low to high on CS forces an update
of the configuration and DAC registers from the
EEPROM when the “U” bit is zero.
• A transition from high to low on CS terminates pro-
gramming mode.
• A logic high on CS enables OUT and serial commu-
nication (see
Communication Protocol section).
WE controls the refresh rate for the internal configura-
tion and DAC registers from the EEPROM and enables
the erase/write operations. If communication has been
initiated (see
Communication Protocol section), internal
register refresh is disabled.
• A low on WE disables the erase/write operations and
also disables register refreshing from the EEPROM.
• A high on WE selects a refresh rate of approximately
400 times per second and enables EEPROM
erase/write operations.
• It is recommended that WE be connected to VSS
after the MAX1458 EEPROM has been programmed.
SCLK (Serial Clock)
SCLK must be driven externally and is used to input
commands to the MAX1458 and read EEPROM con-
tents. Input data on DIO is latched on the rising edge of
SCLK. Noise on SCLK may disrupt communication. In
noisy environments, place a capacitor (0.01µF)
between SCLK and VSS.
Data Input/Output (DIO)
The DIO line is an input/output pin used to issue com-
mands to the MAX1458 (input mode) or read the
EEPROM contents (output mode).
In input mode (the default mode), data on DIO is
latched on each rising edge of SCLK. Therefore, data
on DIO must be stable at the rising edge of SCLK and
should transition on the falling edge of SCLK.
DIO will switch to output mode after receiving a “READ
EEPROM” command, and will return the data bit
addressed by the digital value in the “READ EEPROM”
command. After a low-to-high transition or CS, DIO
returns to input mode and is ready to accept more
commands.
Communication Protocol
To initiate communication, the first six bits on DIO after
CS transitions from low to high must be 1010U0
(defined as the INIT SEQUENCE). The MAX1458 will
then begin accepting 16-bit control words (Figure 4).
If the INIT SEQUENCE is not detected, all subsequent
data on DIO is ignored until CS again transitions from
low to high and the correct INIT SEQUENCE is received.
The “U” bit of the INIT SEQUENCE controls the updat-
ing of the DACs and configuration register from the
internal EEPROM. If this bit is low (U = 0), all four inter-
nal DACs and the configuration register will be updated
from the EEPROM on the next rising edge of CS (this is
also the default on power-up). If the “U” bit is high, the
DACs and configuration register will not be updated
from the internal EEPROM; they will retain their current
value on any subsequent CS rising edge. The
MAX1458 continues to accept control words until CS is
brought low.
1%-Accurate, Digitally Trimmed
Sensor Signal Conditioner
_______________________________________________________________________________________
9
Figure 4. Communication Sequence
CS
SCLK
DIO
tMIN = 200µs
16 CLK
CYCLES
BEGIN
PROGRAMMING
SEQUENCE
CONTROL
WORD
CONTROL
WORD
CONTROL
WORDS
16 CLK
CYCLES
n x 16 CLK
CYCLES
X
1
0
1
D0
D0
D1
D1
CM3
CM3
0
U
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com